Electronic Components Datasheet Search
  English  ▼

X  

LPC3250 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LPC3250 Datasheet HTML 41Page - NXP Semiconductors LPC3250 Datasheet HTML 42Page - NXP Semiconductors LPC3250 Datasheet HTML 43Page - NXP Semiconductors LPC3250 Datasheet HTML 44Page - NXP Semiconductors LPC3250 Datasheet HTML 45Page - NXP Semiconductors LPC3250 Datasheet HTML 46Page - NXP Semiconductors LPC3250 Datasheet HTML 47Page - NXP Semiconductors LPC3250 Datasheet HTML 48Page - NXP Semiconductors LPC3250 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
45 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
9.
Limiting values
[1]
The following applies to Table 7:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated
maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[2]
Core, PLL, oscillator, and RTC supplies; applies to pins VDD_CORE, VDD_COREFXD, VDD_OSC, VDD_PLL397, VDD_PLLHCLK,
VDD_PLLUSB, VDD_RTC, VDD_RTCCORE, and VDD_RTCOSC.
[3]
I/O pad supply; applies to domains VDD_EMC.
[4]
Applies to VDD_AD pins.
[5]
Applies to pins in the following domains VDD_IOA, VDD_IOB, VDD_IOC, and VDD_IOD.
[6]
Including voltage on outputs in 3-state mode.
[7]
Based on package heat transfer, not device power consumption. Calculated package thermal resistance (ThetaJA): 35.766 C/W (with
JEDEC Test Board and 0 m/s airflow,
15 % accuracy).
[8]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
[9]
Charge device model per AEC-Q100-011.
Table 7.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Notes Min
Max
Unit
VDD(1V2)
supply voltage (1.2 V)
[2]
0.5
+1.4
V
VDD(EMC)
external memory controller
supply voltage
[3]
0.5
+4.6
V
VDDA(3V3) analog supply voltage (3.3 V)
[4]
0.5
+4.6
V
VDD(IO)
input/output supply voltage
[5]
0.5
+4.6
V
VIA
analog input voltage
0.5
+4.6
V
VI
input voltage
1.8 V pins
[6]
0.5
+2.4
V
3.3 V pins
[6]
0.5
+4.6
V
IDD
supply current
per supply pin
-
100
mA
ISS
ground current
per ground pin
-
100
mA
Tstg
storage temperature
65
+150
C
Ptot(pack)
total power dissipation
(per package)
max. junction temp 125
C
max. ambient temp 85
C
[7] -1.12
W
VESD
electrostatic discharge voltage
HBM
[8] -
2500
V
CDM
[9] -
1000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com