| Electronic Components Datasheet Search |
|
LPC3250 Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC3250 Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 80 page ![]() LPC3220_30_40_50 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2.1 — 24 June 2014 11 of 80 NXP Semiconductors LPC3220/30/40/50 16/32-bit ARM microcontrollers EMC_A[15]/P1[15] L1 VDD_EMC I/O EMC address bit 15 I/O Port 1 GPIO bit 15 EMC_A[16]/P1[16] K3 VDD_EMC I/O EMC address bit 16 I/O Port 1 GPIO bit 16 EMC_A[17]/P1[17] K4 VDD_EMC I/O EMC address bit 17 I/O Port 1 GPIO bit 17 EMC_A[18]/P1[18] K2 VDD_EMC I/O EMC address bit 18 I/O Port 1 GPIO bit 18 EMC_A[19]/P1[19] K1 VDD_EMC I/O EMC address bit 19 I/O Port 1 GPIO bit 19 EMC_A[20]/P1[20] J1 VDD_EMC I/O EMC address bit 20 I/O Port 1 GPIO bit 20 EMC_A[21]/P1[21] J2 VDD_EMC I/O EMC address bit 21 I/O Port 1 GPIO bit 21 EMC_A[22]/P1[22] J3 VDD_EMC I/O EMC address bit 22 I/O Port 1 GPIO bit 22 EMC_A[23]/P1[23] J4 VDD_EMC I/O EMC address bit 23 I/O Port 1 GPIO bit 23 EMC_BLS[0] U14 VDD_EMC O Static memory byte lane 0 select EMC_BLS[1] T13 VDD_EMC O Static memory byte lane 1 select EMC_BLS[2] R12 VDD_EMC O Static memory byte lane 2 select EMC_BLS[3] P12 VDD_EMC O Static memory byte lane 3 select EMC_CAS R5 VDD_EMC O SDRAM column address strobe out, active LOW EMC_CKE0 U3 VDD_EMC O Clock enable out for SDRAM bank 0 EMC_CKE1 L2 VDD_EMC O Clock enable out for SDRAM bank 1 EMC_CLK T3 VDD_EMC O SDRAM clock out EMC_CLKIN T4 VDD_EMC I SDRAM clock feedback EMC_CS0 U13 VDD_EMC O EMC static memory chip select 0 EMC_CS1 R11 VDD_EMC O EMC static memory chip select 1 EMC_CS2 T12 VDD_EMC O EMC static memory chip select 2 EMC_CS3 V15 VDD_EMC O EMC static memory chip select 3 EMC_D[0] U4 VDD_EMC I/O: BK EMC data bit 0 EMC_D[1] R7 VDD_EMC I/O: BK EMC data bit 1 EMC_D[2] T5 VDD_EMC I/O: BK EMC data bit 2 EMC_D[3] U5 VDD_EMC I/O: BK EMC data bit 3 EMC_D[4] V3 VDD_EMC I/O: BK EMC data bit 4 EMC_D[5] V4 VDD_EMC I/O: BK EMC data bit 5 EMC_D[6] T6 VDD_EMC I/O: BK EMC data bit 6 EMC_D[7] R8 VDD_EMC I/O: BK EMC data bit 7 EMC_D[8] V5 VDD_EMC I/O: BK EMC data bit 8 Table 4. Pin description …continued Symbol Pin Power supply domain Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |