Electronic Components Datasheet Search
  English  ▼

X  

LPC3250 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button LPC3250 Datasheet HTML 72Page - NXP Semiconductors LPC3250 Datasheet HTML 73Page - NXP Semiconductors LPC3250 Datasheet HTML 74Page - NXP Semiconductors LPC3250 Datasheet HTML 75Page - NXP Semiconductors LPC3250 Datasheet HTML 76Page - NXP Semiconductors LPC3250 Datasheet HTML 77Page - NXP Semiconductors LPC3250 Datasheet HTML 78Page - NXP Semiconductors LPC3250 Datasheet HTML 79Page - NXP Semiconductors LPC3250 Datasheet HTML 80Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
76 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
16. Revision history
Table 21.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
LPC3220_30_40_50 v.2.1
20140624
Product data sheet
CIN 201110012I
LPC3220_30_40_50 v.2
Modifications:
Section 12.1 “Connecting the JTAG_NTRST pin” added.
LPC3220_30_40_50 v.2
20111020
Product data sheet
-
LPC3220_30_40_50 v.1
Modifications:
• Corrected pin functions for pin T14 (ADIN1/TS_XM) and pin U15 (ADIN0/TS_YM) in
Table 3 and Table 4.
• Power domain for pin PLL397_LOOP corrected in Table 4.
• Power supply domain for pins SYSX_IN and SYSX_OUT pins corrected in Table 4.
• Power supply domain for pin VDD_OSC corrected in Table 4.
• Description of DEBUG pin updated in Table 4.
• Added Table 6 “Supply domains”.
• Changed VESD to 2500 V (HBM) and 1000 V (CDM) in Table 7.
• Power consumption for HCLK, USB, and ADC added in Table 8.
• Parameter IDD(RTC) updated in Table 8.
• Parameter VDD(EMC) table notes updated in Table 8.
• Input current for bus keeper inputs added in Table 8.
• Added power consumption data (Table 8, Table 9, and Figure 5).
• Static memory controller: added tsu(DQ) value in Table 12.
• DDR SDRAM controller: updated tDQSS value in Table 14.
• Minimum and maximum characterization data added for parameters tsu(Q) and th(Q) over
temperature range
40 C to +85 C (see Table 14).
• DDR SDRAM characteristics extended to maximum operating frequency foper = 133 MHz
(see Table 14).
• Parameters tWB, tWHR, and tREHRBL updated in Table 18.
• Changed data sheet status to Product data sheet.
• Parts LPC3220FET296/01, LPC3230FET296/01, LPC3240FET296/01,
LPC3250FET296/01 added.
LPC3220_30_40_50 v.1
20090206
Preliminary data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com