Electronic Components Datasheet Search
  English  ▼

X  

LPC3250 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC3250 Datasheet HTML 1Page - NXP Semiconductors LPC3250 Datasheet HTML 2Page - NXP Semiconductors LPC3250 Datasheet HTML 3Page - NXP Semiconductors LPC3250 Datasheet HTML 4Page - NXP Semiconductors LPC3250 Datasheet HTML 5Page - NXP Semiconductors LPC3250 Datasheet HTML 6Page - NXP Semiconductors LPC3250 Datasheet HTML 7Page - NXP Semiconductors LPC3250 Datasheet HTML 8Page - NXP Semiconductors LPC3250 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
3 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
 Six enhanced timer/counters which are architecturally identical except for the
peripheral base address. Two capture inputs and two match outputs are pinned out
to four timers. Timer 1 brings out a third match output, timers 2 and 3 bring out all
four match outputs, timer 4 has one match output, and timer 5 has no inputs or
outputs.
 32-bit millisecond timer driven from the RTC clock. This timer can generate
interrupts using two match registers.
 WatchDog timer clocked by the peripheral clock.
 Two single-output PWM blocks.
 Motor control PWM.
 Keyboard scanner function allows automatic scanning of an up to 8
 8 key matrix.
 Up to 18 external interrupts.
 Standard ARM test/debug interface for compatibility with existing tools.
 Emulation Trace Buffer (ETB) with 2048
 24 bit RAM allows trace via JTAG.
 Stop mode saves power while allowing many peripheral functions to restart CPU
activity.
 On-chip crystal oscillator.
 An on-chip PLL allows CPU operation up to the maximum CPU rate without the
requirement for a high frequency crystal. Another PLL allows operation from the
32 kHz RTC clock rather than the external crystal.
 Boundary scan for simplified board testing.
 User-accessible unique serial ID number for each chip.
 TFBGA296 package with a 15 mm
 15 mm  0.7 mm body.
3.
Applications
 Consumer
 Medical
 Industrial
 Network control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com