Electronic Components Datasheet Search
  English  ▼

X  

LPC3250 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC3250 Datasheet HTML 49Page - NXP Semiconductors LPC3250 Datasheet HTML 50Page - NXP Semiconductors LPC3250 Datasheet HTML 51Page - NXP Semiconductors LPC3250 Datasheet HTML 52Page - NXP Semiconductors LPC3250 Datasheet HTML 53Page - NXP Semiconductors LPC3250 Datasheet HTML 54Page - NXP Semiconductors LPC3250 Datasheet HTML 55Page - NXP Semiconductors LPC3250 Datasheet HTML 56Page - NXP Semiconductors LPC3250 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
53 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
10.1 Minimum core voltage requirements
Figure 4 shows the minimum core supply voltage that should be applied for a given core
frequency on pin VDD_CORE to ensure stable operation of the LPC3220/30/40/50.
10.2 Power supply sequencing
The LPC32x0 has no power sequencing requirements, that is, VDD(1V2), VDD(EMC), VDD(IO),
and VDDA(3V3) can be switched on or off independent of each other. An internal circuit
ensures that the system correctly powers up in the absence of core power. During IO
power-up this circuit takes care that the system is powered in a defined mode. The same
is valid for core power-down.
10.3 Power consumption per peripheral
[1]
All three Ethernet clocks are in enabled in the MAC_CLK_CTRL register (see LPC32x0 User manual).
Fig 4.
Minimum required core supply voltage for different core frequencies
core frequency (MHz)
160
280
240
200
002aae872
1.0
1.2
1.4
0.8
VDD_CORE
(V)
Table 9.
Power consumption per peripheral
Tamb =25 C; CPU clock = 208 MHz; I-cache/D-cache, MMU disabled; VDD_CORE = 1.2 V;
VDD(IO) = 1.8 V; USB AHB, IRAM, and IROM clocks always on; all peripherals are at their default
state at reset. Peripheral clocks are disabled except for peripheral measured.
Peripheral
IDD(run) / mA
High-speed UART (set to 115 200 Bd (8N1))
0.3
I2C-bus
0.3
SSP
0.6
I2S0.5
DMA
6.3
EMC
7.3
Multi-level NAND controller
1.4
Single-level NAND controller
0.3
LCD
5.6
Ethernet MAC[1]
2.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com