Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 29Page - Infineon Technologies AG S29GL01GS Datasheet HTML 30Page - Infineon Technologies AG S29GL01GS Datasheet HTML 31Page - Infineon Technologies AG S29GL01GS Datasheet HTML 32Page - Infineon Technologies AG S29GL01GS Datasheet HTML 33Page - Infineon Technologies AG S29GL01GS Datasheet HTML 34Page - Infineon Technologies AG S29GL01GS Datasheet HTML 35Page - Infineon Technologies AG S29GL01GS Datasheet HTML 36Page - Infineon Technologies AG S29GL01GS Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 118 page
background image
Datasheet
33
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Embedded operations
5.4.6
ASO Entry and Exit
5.4.6.1
ID-CFI ASO
The system can access the ID-CFI ASO by issuing the ID-CFI Entry command sequence during Read Mode. This
entry command uses the Sector Address (SA) in the command to determine which sector will be overlaid and
which sector’s protection state is reported in word location 2h. See the detail description Table 42.
The ID-CFI ASO allows the following activities:
• Read ID-CFI ASO, using the same SA as used in the entry command.
• Read Sector Protection State at Sector Address (SA) + 2h. Location 2h provides volatile information on the
current state of sector protection for the sector addressed. Bit 0 of the word at location 2h shows the logical
NAND of the PPB and DYB bits related to the addressed sector such that if the sector is protected by either the
PPB = 0 or the DYB = 0 bit for that sector the state shown is protected. (1 = Sector protected, 0 = Sector
unprotected). This protection state is shown only for the SA selected when entering ID-CFI ASO. Reading other
SA provides undefined data. To read a different SA protection state ASO exit command must be used and then
enter ID-CFI ASO again with the new SA.
•ASO Exit.
The following is a C source code example of using the CFI Entry and Exit functions.
/* Example: CFI Entry command */
*( (UINT16 *)base_addr + 0x55 ) = 0x0098; /* write CFI entry command */
/* Example: CFI Exit command */
*( (UINT16 *)base_addr + 0x000 ) = 0x00F0; /* write cfi exit command */
5.4.6.2
Status Register ASO
The Status Register ASO contains a single word of registered volatile status for embedded algorithms. When the
Status Register Read command is issued, the current status is captured (by the rising edge of WE#) into the
register and the ASO is entered. The Status Register content appears on all word locations. The first read access
exits the Status Register ASO (with the rising edge of CE# or OE#) and returns to the address space map in use
when the Status Register Read command was issued. Write commands will not exit the Status Register ASO state.
5.4.6.3
Secure Silicon Region ASO
The system can access the Secure Silicon Region by issuing the Secure Silicon Region Entry command sequence
during Read Mode. This entry command uses the Sector Address (SA) in the command to determine which sector
will be overlaid.
The Secure Silicon Region ASO allows the following activities:
• Read Secure Silicon Regions.
• Programming the customer Secure Silicon Region is allowed using the Word or Write Buffer Programming
commands.
• ASO Exit using legacy Secure Silicon Exit command for backward software compatibility.
• ASO Exit using the common exit command for all ASO - alternative for a consistent exit method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com