Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 14Page - Infineon Technologies AG S29GL01GS Datasheet HTML 15Page - Infineon Technologies AG S29GL01GS Datasheet HTML 16Page - Infineon Technologies AG S29GL01GS Datasheet HTML 17Page - Infineon Technologies AG S29GL01GS Datasheet HTML 18Page - Infineon Technologies AG S29GL01GS Datasheet HTML 19Page - Infineon Technologies AG S29GL01GS Datasheet HTML 20Page - Infineon Technologies AG S29GL01GS Datasheet HTML 21Page - Infineon Technologies AG S29GL01GS Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 118 page
background image
Datasheet
18
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Data protection
As shipped from the factory, all devices default to the persistent protection method, with all sectors unprotected,
when power is applied. The device programmer or host system can then choose which sector protection method
to use. Programming either of the following two, one-time programmable, non-volatile bits, locks the part
permanently in that mode:
• Persistent protection mode lock bit (DQ1)
• Password protection mode lock bit (DQ2)
If both lock bits are selected to be programmed at the same time, the operation will abort. Once the password
mode lock bit is programmed, the persistent mode lock bit is permanently disabled and no changes to the
protection scheme are allowed. Similarly, if the persistent mode lock bit is programmed, the password mode is
permanently disabled.
If the password mode is to be chosen, the password must be programmed prior to setting the corresponding lock
register bit. Setting the password protection mode lock bit is programmed, a power cycle, hardware reset, or PPB
lock bit set command is required to set the PPB lock bit to ‘0’ to protect the PPB array.
The programming time of the lock register is the same as the typical word programming time. During a lock
register programming EA, data polling status DQ6 Toggle Bit I will toggle until the programming has completed.
The system can also determine the status of the lock register programming by reading the status register. See
“Status register” on page 36 for information on these status bits.
The user is not required to program DQ2 or DQ1, and DQ6 or DQ0 bits at the same time. This allows the user to
lock the SSR before or after choosing the device protection scheme. When programming the lock bits, the
reserved bits must be ‘1’ (masked).
3.4.8
Persistent protection mode
The persistent protection method sets the PPB lock to ‘1’ during POR or hardware reset so that the PPB bits are
unprotected by a device reset. There is a command to clear the PPB lock bit to ‘0’ to protect the PPB. There is no
command in the persistent protection method to set the PPB lock bit to ‘1’ therefore the PPB Lock bit will remain
at ‘0’ until the next power-off or hardware reset.
3.4.9
Password protection mode
3.4.9.1
PPB password protection mode
PPB password protection mode allows an even higher level of security than the persistent sector protection
mode, by requiring a 64-bit password for setting the PPB lock. In addition to this password requirement, after
power up and reset, the PPB lock is cleared to ‘0’ to ensure protection at power-up. Successful execution of the
password unlock command by entering the entire password sets the PPB lock to ‘1’, allowing for sector PPB
modifications.
Password protection notes:
• The password program command is only capable of programming 0’s.
• The password is all 1’s when shipped from Infineon. It is located in its own memory space and is accessible
through the use of the password program and password read commands.
• All 64-bit password combinations are valid as a password.
• Once the password is programmed and verified, the password mode locking bit must be set in order to prevent
reading or modification of the password.
• The password mode lock bit, once programmed, prevents reading the 64-bit password on the data bus and
further password programming. All further program and read commands to the password region are disabled
(data is read as 1’s) and these commands are ignored. There is no means to verify what the password is after
the password protection mode lock bit is programmed. Password verification is only allowed before selecting
the password protection mode.
• The password mode lock bit is not erasable.
• The exact password must be entered in order for the unlocking function to occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com