Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 82Page - Infineon Technologies AG S29GL01GS Datasheet HTML 83Page - Infineon Technologies AG S29GL01GS Datasheet HTML 84Page - Infineon Technologies AG S29GL01GS Datasheet HTML 85Page - Infineon Technologies AG S29GL01GS Datasheet HTML 86Page - Infineon Technologies AG S29GL01GS Datasheet HTML 87Page - Infineon Technologies AG S29GL01GS Datasheet HTML 88Page - Infineon Technologies AG S29GL01GS Datasheet HTML 89Page - Infineon Technologies AG S29GL01GS Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 118 page
background image
Datasheet
86
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Timing specifications
Table 64
Read Operation VIO = 1.65 V to VCC, VCC = 2.7 V to 3.6 V (–40°C to +85°C)
Parameter
Description
Test setup
Speed options
Unit
JEDEC
Std
100
110
120
tAVAV
tRC
Read Cycle time[107]
128 Mb, 256 Mb
Min
100
110
–
ns
512 Mb, 1 Gb
–
110
120
tAVQV
tACC
Address to Output Delay CE# = VIL
OE# = VIL
128 Mb, 256 Mb
Max
100
110
–
ns
512 Mb, 1 Gb
–
110
120
tELQV
tCE
Chip Enable to Output
Delay
OE# = VIL 128 Mb, 256 Mb
Max
100
110
–
ns
512 Mb, 1 Gb
–
110
120
tPACC Page Access time
128 Mb, 256 Mb
Max
25
30
–
ns
512 Mb, 1 Gb
–
25
30
tGLQV
tOE
Output Enable to Output Delay
Max
35
ns
tAXQX
tOH
Output Hold time from addresses,
CE# or OE#, Whichever Occurs First
Min
0
ns
tEHQZ tDF
Chip Enable or Output Enable to
Output High-Z[107]
Max
20
ns
tOEH Output Enable Hold
Time[107]
Read
Min
0
ns
Toggle
and Data#
Polling
Min
10
ns
tASSB Automatic Sleep
to Standby time[107]
CE# = VIL,
address stable
Typ
5µs
Max
8µs
Note
107.Not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com