Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 15Page - Infineon Technologies AG S29GL01GS Datasheet HTML 16Page - Infineon Technologies AG S29GL01GS Datasheet HTML 17Page - Infineon Technologies AG S29GL01GS Datasheet HTML 18Page - Infineon Technologies AG S29GL01GS Datasheet HTML 19Page - Infineon Technologies AG S29GL01GS Datasheet HTML 20Page - Infineon Technologies AG S29GL01GS Datasheet HTML 21Page - Infineon Technologies AG S29GL01GS Datasheet HTML 22Page - Infineon Technologies AG S29GL01GS Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 118 page
background image
Datasheet
19
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Data protection
• The addresses can be loaded in any order but all 4 words are required for a successful match to occur.
• The sector addresses and word line addresses are compared while the password address/data are loaded. If
the sector address don’t match than the error will be reported at the end of that write cycle. The status register
will return to the ready state with the program status bit set to ‘1’, program status register bit set to ‘1’, and
write buffer abort status bit set to ‘1’ indicating a failed programming operation. It is a failure to change the
state of the PPB lock bit because it is still protected by the lack of a valid password. The data polling status will
remain active, with DQ7 set to the complement of the DQ7 bit in the last word of the password unlock command,
and DQ6 toggling. RY/BY# will remain LOW.
• The specific address and data are compared after the program buffer to flash command has been given. If they
don’t match to the internal set value than the status register will return to the ready state with the program
status bit set to ‘1’ and program status register bit set to ‘1’ indicating a failed programming operation. It is a
failure to change the state of the PPB lock bit because it is still protected by the lack of a valid password. The
data polling status will remain active, with DQ7 set to the complement of the DQ7 bit in the last word of the
password unlock command, and DQ6 toggling. RY/BY# will remain LOW.
• The device requires approximately 100 µs for setting the PPB Lock after the valid 64-bit password is given to the
device.
• The password unlock command cannot be accepted any faster than once every 100 µs ± 20 µs. This makes it
take an unreasonably long time (58 million years) for a hacker to run through all the 64-bit combinations in an
attempt to correctly match a password. The EA status checking methods may be used to determine when the
EAC is ready to accept a new password command.
• If the password is lost after setting the password mode lock bit, there is no way to clear the PPB lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com