Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 33Page - Infineon Technologies AG S29GL01GS Datasheet HTML 34Page - Infineon Technologies AG S29GL01GS Datasheet HTML 35Page - Infineon Technologies AG S29GL01GS Datasheet HTML 36Page - Infineon Technologies AG S29GL01GS Datasheet HTML 37Page - Infineon Technologies AG S29GL01GS Datasheet HTML 38Page - Infineon Technologies AG S29GL01GS Datasheet HTML 39Page - Infineon Technologies AG S29GL01GS Datasheet HTML 40Page - Infineon Technologies AG S29GL01GS Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 118 page
background image
Datasheet
37
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Embedded operations
Table 14
Status Register
Bit #
15:8
7
65
4
3
21
0
Bit
description
Reserved Device
Ready
Bit
Erase
Suspend
Status Bit
Erase
Status Bit
Program
Status Bit
WriteBuffer
Abort
Status Bit
Program
Suspend
Status Bit
Sector
Lock
Status Bit
Reserved
Bit name
DRB
ESSB
ESB
PSB
WBASB
PSSB
SLSB
Reset status
X
1
00
0
0
00
0
Busy status
Invalid
0
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Ready status
X
1
0=NoErase
in
Suspension
1 = Erase in
Suspension
0 = Erase
successful
1 = Erase
fail
0 =
Program
successful
1 =
Program
fail
0=Program
not aborted
1=Program
aborted
during
Write to
Buffer
command
0 = No
Program in
suspension
1=Program
in
suspension
0 = Sector
notlocked
during
operation
1 = Sector
locked
error
X
Notes
7. Bits 15 thru 8, and 0 are reserved for future use and may display as ‘0’ or ‘1’. These bits should be ignored
(masked) when checking status.
8. Bit 7 is 1 when there is no Embedded Algorithm in progress in the device.
9. Bits 6 thru 1 are valid only if Bit 7 is ‘1’.
10.All bits are put in their reset status by cold reset or warm reset.
11.Bits 5, 4, 3, and 1 are cleared to ‘0’ by the Clear Status Register command or Reset command.
12.Upon issuing the Erase Suspend Command, the user must continue to read status until DRB becomes ‘1’.
13.ESSB is cleared to ‘0’ by the Erase Resume command.
14.ESB reflects success or failure of the most recent erase operation.
15.PSB reflects success or failure of the most recent program operation.
16.During erase suspend, programming to the suspended sector, will cause program failure and set the Program
status bit to ‘1’.
17.Upon issuing the Program Suspend command, the user must continue to read status until DRB becomes ‘1’.
18.PSSB is cleared to ‘0’ by the Program Resume command.
19.SLSB indicates that a program or erase operation failed because the sector was locked.
20.SLSB reflects the status of the most recent program or erase operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com