Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 69Page - Infineon Technologies AG S29GL01GS Datasheet HTML 70Page - Infineon Technologies AG S29GL01GS Datasheet HTML 71Page - Infineon Technologies AG S29GL01GS Datasheet HTML 72Page - Infineon Technologies AG S29GL01GS Datasheet HTML 73Page - Infineon Technologies AG S29GL01GS Datasheet HTML 74Page - Infineon Technologies AG S29GL01GS Datasheet HTML 75Page - Infineon Technologies AG S29GL01GS Datasheet HTML 76Page - Infineon Technologies AG S29GL01GS Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 118 page
background image
Datasheet
73
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Signal protocols
9.5
Write
9.5.1
Asynchronous Write
When WE# goes Low after CE is LOW, there is a transition from one of the read states to the Write state. If WE# is
LOW before CE# goes LOW, there is a transition from the Standby state directly to the Write state without
beginning a read access.
When CE# is LOW, OE# is HIGH, and WE# goes LOW, a write data transfer begins. Note, OE# and WE# should never
be LOW at the same time to ensure no data bus contention between the host system and memory. When the
asynchronous write cycle timing requirements are met the WE# can go HIGH to capture the address and data
values in to EAC command memory.
Address is captured by the falling edge of WE# or CE#, whichever occurs later. Data is captured by the rising edge
of WE# or CE#, whichever occurs earlier.
When CE# is LOW before WE# goes LOW and stays LOW after WE# goes HIGH, the access is called a WE# controlled
Write. When WE# is HIGH and CE# goes HIGH, there is a transition to the Standby state. If CE# remains LOW and
WE# goes HIGH, there is a transition to the Read with Output Disable state.
When WE# is LOW before CE# goes LOW and remains LOW after CE# goes HIGH, the access is called a CE#
controlled Write. A CE# controlled Write transitions to the Standby state.
If WE# is LOW before CE# goes LOW, the write transfer is started by CE# going LOW. If WE# is LOW after CE# goes
HIGH, the address and data are captured by the rising edge of CE#. These cases are referred to as CE# controlled
write state transitions.
Write followed by Read accesses, in which CE# remains LOW between accesses, requires an address change to
initiate the following read access.
Back to Back accesses, in which CE# remains LOW between accesses, requires an address change to initiate the
second access.
The EAC command memory array is not readable by the host system and has no ASO. The EAC examines the
address and data in each write transfer to determine if the write is part of a legal command sequence. When a
legal command sequence is complete the EAC will initiate the appropriate EA.
9.5.2
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on WE# will not initiate a write cycle.
9.5.3
Logical Inhibit
Write cycles are inhibited by holding OE# at VIL, or CE# at VIH, or WE# at VIH. To initiate a write cycle, CE# and WE#
must be LOW (VIL) while OE# is HIGH (VIH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com