Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 66Page - Infineon Technologies AG S29GL01GS Datasheet HTML 67Page - Infineon Technologies AG S29GL01GS Datasheet HTML 68Page - Infineon Technologies AG S29GL01GS Datasheet HTML 69Page - Infineon Technologies AG S29GL01GS Datasheet HTML 70Page - Infineon Technologies AG S29GL01GS Datasheet HTML 71Page - Infineon Technologies AG S29GL01GS Datasheet HTML 72Page - Infineon Technologies AG S29GL01GS Datasheet HTML 73Page - Infineon Technologies AG S29GL01GS Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 118 page
background image
Datasheet
70
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Signal protocols
9
Signal protocols
The following sections describe the host system interface signal behavior and timing for the 29GL-S family flash
devices.
9.1
Interface states
Table 49 describes the required value of each interface signal for each interface state.
Legend:
L = VIL
H = VIH
X = either VIL or VIH
L/H = rising edge
H/L = falling edge
Valid = all bus signals have stable L or H level
Modified = valid state different from a previous valid state
Available = read data is internally stored with output driver controlled by OE#
Table 49
Interface states
Interface state
VCC
VIO
RESET# CE# OE# WE# AMAX–A0 DQ15–DQ0
Power-Off with Hardware Data
Protection
< VLKO
 VCC
X
XXX
X
High-Z
Power-On (Cold) Reset
 VCC min  VIO min
 VCC
X
XXX
X
High-Z
Hardware (Warm) Reset
 VCC min  VIO min
 VCC
L
XXX
X
High-Z
Interface Standby
 VCC min  VIO min
 VCC
HH
X
X
X
High-Z
Automatic Sleep[70, 71]
 VCC min  VIO min
 VCC
H
L
X
X
Valid
Output
available
Read with Output Disable[72]
 VCC min  VIO min
 VCC
HL
H
H
Valid
High-Z
Random Read
 VCC min  VIO min
H
L
L
H
Valid
Output valid
Page Read
 VCC min  VIO min
 VCC
HL
L
H
AMAX–A4
valid
A3–A0
modified
Output valid
Write
 VCC min  VIO min
 VCC
H
L
H
L
Valid
Input valid
Notes
70.WE# and OE# can not be at VIL at the same time.
71.Automatic Sleep is a read/write operation where data has been driven on the bus for an extended period,
without CE# going HIGH and the device internal logic has gone into standby mode to conserve power.
72.Read with Output Disable is a read initiated with OE# HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com