Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 48Page - Infineon Technologies AG S29GL01GS Datasheet HTML 49Page - Infineon Technologies AG S29GL01GS Datasheet HTML 50Page - Infineon Technologies AG S29GL01GS Datasheet HTML 51Page - Infineon Technologies AG S29GL01GS Datasheet HTML 52Page - Infineon Technologies AG S29GL01GS Datasheet HTML 53Page - Infineon Technologies AG S29GL01GS Datasheet HTML 54Page - Infineon Technologies AG S29GL01GS Datasheet HTML 55Page - Infineon Technologies AG S29GL01GS Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 118 page
background image
Datasheet
52
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Embedded operations
Table 28
Program Suspend State Command Transition
Current State
Command and
Condition
Read
Status Register
Read Enter
Status Register
Clear
Erase Resume Enhanced
Method [50]
Program Resume Enhanced
Method
Address
RA
x555h
x555h
xh
xh
Data
RD
x70h
x71h
x30h
x50h
PSR [51]
–
PSR
PGSR (PSR)
–
–
–
PS
–
PS
PSSR (PS)
PS
PG
PG
PSSR
–
(return)
–
–
–
–
Table 29
Lock Register State Command Transition
Current
State
Command and
Condition
Read
SoftwareReset
/ ASO Exit
Status
Register Read
Enter
Status
Register Clear
Command Set
Exit Entry
Command Set
Exit
PPB Lock Bit
Set Entry
Password
Word Count
Address
RA
xh
x555h
x555h
xh
xh
xh
Xh
Data
RD
xF0h
x70h
x71h
x90h
x00h
xA0h
x03h
LR
–
LR
READ
LRSR (LR)
LR
LREXT
–
LRPG1
–
LRPG1
–
LRPG1
–––––––
LRPG
–
LRPG
–
LRSR (LRPG)
–––––
LRSR
–
(return)
–––––––
LREXT
–
LREXT
––––
READ
–
READ
Table 30
CFI State Command Transition
Current State
Command and Condition
Read
Software Reset / ASO Exit
Status Register Read Enter
Status Register Clear
Address
RA
xh
x555h
x555h
Data
RD
xF0h
x70h
x71h
CFI
–
CFI
READ
CFISR (CFI)
CFI
CFISR
–
(return)
–
–
–
Table 31
Secure Silicon Sector State Command Transition
Current State
Command and
Condition
Read
Software Reset / ASO Exit
Status Register Read Enter
Status Register Clear
Unlock 1
Address
RA
xh
x555h
x555h
x555h
Data
RD
xF0h
x70h
x71h
xAAh
SSR
–
SSR
READ
SSRSR (SSR)
SSR
SSRUL1
Table 32
Secure Silicon Sector Unlock State Command Transition
Current
State
Command
and
Condition
Read
Software
Reset / ASO
Exit
Status
Register
Read Enter
Unlock 2
Word
Program
Entry
Write to
Buffer
Enter
Command
Set Exit
Entry
NOT a valid “Write-to-Buffer-Abort Reset”
Command
Address
RA
xh
x555h
x2AAh
x555h
(SA)xh
x555h
NOT
x555h
xh
NOT
x2AAh
xh
Data
RD
xF0h
x70h
x55h
xA0h
x25h
x90h
xh
NOT xF0h
xh
NOT x55h
SSRUL1
–
SSRUL1
READ
SSRSR (SSR)
SSRUL2
–
–
–
–
–
–
–
DQ(1) = 1
SSRPG
SSRPG
SR(3) = 1
SSRUL2
–
SSRUL2
SSR
–
–
SSRPG1
SSR_WB
SSREXT
–
–
–
–
DQ(1) = 1
SSRPG
SSRPG
SR(3) = 1
Notes
50.Also known as Erase Resume/Program Resume Legacy Method.
51.State will automatically move to PS state by tPSL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com