Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 61Page - Infineon Technologies AG S29GL01GS Datasheet HTML 62Page - Infineon Technologies AG S29GL01GS Datasheet HTML 63Page - Infineon Technologies AG S29GL01GS Datasheet HTML 64Page - Infineon Technologies AG S29GL01GS Datasheet HTML 65Page - Infineon Technologies AG S29GL01GS Datasheet HTML 66Page - Infineon Technologies AG S29GL01GS Datasheet HTML 67Page - Infineon Technologies AG S29GL01GS Datasheet HTML 68Page - Infineon Technologies AG S29GL01GS Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 118 page
background image
Datasheet
65
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Software interface reference
Table 46
CFI primary vendor-specific extended query
Word address
Data
Description
(SA) + 0040h
0050h
Query-unique ASCII string “PRI”
(SA) + 0041h
0052h
(SA) + 0042h
0049h
(SA) + 0043h
0031h
Major version number, ASCII
(SA) + 0044h
0035h
Minor version number, ASCII
(SA) + 0045h
001Ch
Address Sensitive Unlock (Bits 1–0)
00b = Required
01b = Not required
Process Technology (Bits 5–2)
0000b = 0.23 µm Floating Gate
0001b = 0.17 µm Floating Gate
0010b = 0.23 µm MIRRORBIT™
0011b = 0.13 µm Floating Gate
0100b = 0.11 µm MIRRORBIT™
0101b = 0.09 µm MIRRORBIT™
0110b = 0.09 µm Floating Gate
0111b = 0.065 µm MIRRORBIT™ Eclipse
1000b = 0.065 µm MIRRORBIT™
1001b = 0.045 µm MIRRORBIT™
(SA) + 0046h
0002h
Erase Suspend
0 = Not supported
1 = Read Only
2 = Read and Write
(SA) + 0047h
0001h
Sector Protect
00 = Not supported
X = Number of sectors in smallest group
(SA) + 0048h
0000h
Temporary Sector Unprotect
00 = Not supported
01 = Supported
(SA) + 0049h
0008h
Sector Protect/Unprotect Scheme
04 = High Voltage method
05 = Software Command Locking method
08 = Advanced Sector Protection method
(SA) + 004Ah
0000h
Simultaneous Operation
00 = Not supported
X = Number of banks
(SA) + 004Bh
0000h
Burst Mode type
00 = Not supported
01 = Supported
(SA) + 004Ch
0003h
Page Mode type
00 = Not supported
01 = 4 Word Page
02 = 8 Word Page
03 = 16 Word Page
(SA) + 004Dh
0000h
ACC (Acceleration) Supply Minimum
00 = Not supported
D7–D4: Volt
D3–D0: 100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com