Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 74 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 74 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 70Page - Infineon Technologies AG S29GL01GS Datasheet HTML 71Page - Infineon Technologies AG S29GL01GS Datasheet HTML 72Page - Infineon Technologies AG S29GL01GS Datasheet HTML 73Page - Infineon Technologies AG S29GL01GS Datasheet HTML 74Page - Infineon Technologies AG S29GL01GS Datasheet HTML 75Page - Infineon Technologies AG S29GL01GS Datasheet HTML 76Page - Infineon Technologies AG S29GL01GS Datasheet HTML 77Page - Infineon Technologies AG S29GL01GS Datasheet HTML 78Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 118 page
background image
Datasheet
74
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Electrical specifications
10
Electrical specifications
10.1
Absolute maximum ratings
10.2
Latchup characteristics
This product complies with JEDEC standard JESD78C latchup testing requirements.
10.3
Thermal resistance
Table 50
Absolute maximum ratings
Storage temperature plastic packages
–65°C to +150°C
Ambient temperature with power applied
–65°C to +125°C
Voltage with respect to ground
All pins other than RESET# [73]
–0.5 V to (VIO + 0.5 V)
RESET#[73]
–0.5 V to (VCC + 0.5 V)
Output short circuit current[74]
100 mA
VCC
–0.5 V to +4.0 V
VIO
–0.5 V to +4.0 V
Table 51
Thermal resistance
Parameter
Description
Part number
LAA064
LAE064
TS056
VBU056 Unit
Theta JA
Thermal resistance
(junction to ambient)
S29GL01GS
19.8
27.3
38
–
°C/W
S29GL512S
22.2
30.4
44
30.2
S29GL256S
24.1
33
46
34.47
S29GL128S
25.2
34.1
56.7
35.94
Theta JB
Thermal resistance
(junction to board)
S29GL01GS
6.5
5.7
30
–
S29GL512S
10.5
8.4
41
8.14
S29GL256S
11.7
12.2
54.7
12.1
S29GL128S
13
13.70
60
13.64
Theta JC
Thermal resistance
(junction to case)
S29GL01GS
5.19
6.0
11.2
–
S29GL512S
6.8
7.5
15
8
S29GL256S
7.4
10.1
18
10.11
S29GL128S
10.3
9.74
18
11.36
Notes
73.Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, input or I/O pins may
undershoot VSS to –2.0 V for periods of up to 20 ns. See Figure 11. Maximum DC voltage on input or I/O pins
is VCC + 0.5 V. During voltage transitions, input or I/O pins may overshoot to VCC + 2.0 V for periods up to
20 ns. See Figure 12.
74.No more than one output may be shorted to ground at a time. Duration of the short circuit should not be
greater than one second.
75.Stresses above those listed under Absolute maximum ratings may cause permanent damage to the device.
This is a stress rating only; functional operation of the device at these or any other conditions above those
indicated in the operational sections of this data sheet is not implied. Exposure of the device to absolute
maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com