Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 14Page - Texas Instruments TMP512 Datasheet HTML 15Page - Texas Instruments TMP512 Datasheet HTML 16Page - Texas Instruments TMP512 Datasheet HTML 17Page - Texas Instruments TMP512 Datasheet HTML 18Page - Texas Instruments TMP512 Datasheet HTML 19Page - Texas Instruments TMP512 Datasheet HTML 20Page - Texas Instruments TMP512 Datasheet HTML 21Page - Texas Instruments TMP512 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
-40
-20
0
20
40
60
T_CRIT Status FLAG
80
100
120
140
160
Temperature Conversion Complete
Time
Temperature
T_CRIT Pin
T_CRIT Limit
T_CRIT Limit - Hysteresis
Figure 7-8. T_CRIT Output Timing Diagram-Comparator Mode
7.4.2 Shutdown Mode
When the Mode bit is set to 1 in the Configuration register, the device immediately enters the low-power
shutdown mode. If the device is making a temperature conversion, the device stops the conversion and discard
the partial result. In this mode, the device powers down all active circuitry and can be used in conjunction
with the One_Shot bit to perform temperature conversions. Engineers can use the device for battery-operated
systems and other low-power consumption applications because the device typically only consumes 0.5µA in
Shutdown mode.
Entering Shutdown mode does not clear any active Alerts and does not deassert the ALERT or T_CRIT pins.
7.4.3 Continuous Conversion Mode
When the Mode bit is set to 0 in the Configuration register, the device operates in continuous conversion mode.
The device continuously performs temperature conversions in this mode. The device does not wait until the end
of the conversion period to update the temperature; instead, the temperature result register is updated at the end
of the temperature conversion. While the ADC is converting, the ADC_Busy bit is set to 1 in the Status register.
Active conversion time
Conversion Period
tStandby timet
Start of conversion
Temperature Conversion
Conversion Period
Figure 7-9. Conversion Period Timing Diagram
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com