Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 44Page - Texas Instruments TMP512 Datasheet HTML 45Page - Texas Instruments TMP512 Datasheet HTML 46Page - Texas Instruments TMP512 Datasheet HTML 47Page - Texas Instruments TMP512 Datasheet HTML 48Page - Texas Instruments TMP512 Datasheet HTML 49Page - Texas Instruments TMP512 Datasheet HTML 50Page - Texas Instruments TMP512 Datasheet HTML 51Page - Texas Instruments TMP512 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMP4719 operates with a two-wire I2C or SMBus compatible interface. The interfaces support static input
thresholds independent of supply to maintain compatibility with a 1.2V logic I2C or SMBus. The following section
shows an example implementation of proper device operation.
9.2 Typical Application
Figure 9-1 depicts the completed design.
VDD
DP1
DN1
SCL
SDA
ALERT
T_CRIT
GND
0.1µF
1.2V
10k
10k
10k
15k
SDA
GPIO
SCL
GPIO
3.3V
TMP4719
50
50
Built-in
thermal
diode
MCU
470pF
50
50
MMBT3904
470pF
DP2
DN2
Optional
Figure 9-1. Design Example
9.2.1 Design Requirements
In this design example, the requirement is to design a temperature monitoring system using the TMP4719 with
the MMBT3904 as the bipolar sensing transistor. The high temperature limit requirement for this example is
88°C. Table 9-1 lists the design parameters for this application.
Table 9-1. Design Parameters
PARAMETER
VALUE
Supply
3.3V
I/O Pullup Voltage
1.2V
Temperature High Limit Requirement
88°C
Bipolar Transistor
MMBT3904
(NTE Electronics, Inc)
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com