Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 45 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 41Page - Texas Instruments TMP512 Datasheet HTML 42Page - Texas Instruments TMP512 Datasheet HTML 43Page - Texas Instruments TMP512 Datasheet HTML 44Page - Texas Instruments TMP512 Datasheet HTML 45Page - Texas Instruments TMP512 Datasheet HTML 46Page - Texas Instruments TMP512 Datasheet HTML 47Page - Texas Instruments TMP512 Datasheet HTML 48Page - Texas Instruments TMP512 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
8.30 High_Limit_Status Register (Address = 35h) [reset = 00h]
The High_Limit_Status Register contains the status bits that are set when a temperature channel high limit is
exceeded. If any of these bits are set, the THigh status bit in the Status Register is also set, and the ALERT pin
is asserted low.
In Interrupt Mode, reading from the High_Limit_Status Register clear all bits in the register, while also clearing
the THigh status bit in the Status Register. Note that the flag is set again in the next conversion if a temperature
channel high limit is exceeded. In Comparator Mode, all bits in the register and the THigh status bit in the Status
Register get cleared when temperature drops below High Temperature Limit minus Hysteresis.
Return to Register Map.
Figure 8-30. High_Limit_Status Register
7
6
5
4
3
2
1
0
Reserved
Ch2_High
Ch1_High
Local_High
R-00h
RC-0h
RC-0h
RC-0h
Table 8-33. High_Limit_Status Register Field Descriptions
Bit
Field
Type
Reset
Description
7:3
Reserved
R
00h
Reserved
2
Ch2_High
RC
0h
This bit is set when the remote temperature channel 2 rises
above the configured high limit.
1
Ch1_High
RC
0h
This bit is set when the remote temperature channel 1 rises
above the configured high limit.
0
Local_High
RC
0h
This bit is set when the local temperature channel rises above
the configured high limit.
8.31 Low_Limit_Status Register (Address = 36h) [reset = 00h]
The Low_Limit_Status Register contains the status bits that are set when a temperature channel low limit is
exceeded. If any of these bits are set, the TLow status bit in the Status Register is also set, and the ALERT pin is
asserted low.
In Interrupt Mode, reading from the Low_Limit_Status Register clear all bits in the register, while also clearing
the TLow status bit in the Status Register. Note that the flag is set again in the next conversion if a temperature
channel low limit is exceeded. In Comparator Mode, all bits in the register and the TLow status bit in the Status
Register get cleared when temperature increases above Low Temperature Limit plus Hysteresis.
Return to Register Map.
Figure 8-31. Low_Limit_Status Register
7
6
5
4
3
2
1
0
Reserved
Ch2_Low
Ch1_Low
Local_Low
R-00h
RC-0h
RC-0h
RC-0h
Table 8-34. Low_Limit_Status Register Field Descriptions
Bit
Field
Type
Reset
Description
7:3
Reserved
R
00h
Reserved
2
Ch2_Low
RC
0h
This bit is set when the remote temperature channel 2 drops
below the configured low limit.
1
Ch1_Low
RC
0h
This bit is set when the remote temperature channel 1 drops
below the configured low limit.
0
Local_Low
RC
0h
This bit is set when the local temperature channel drops below
the configured low limit.
www.ti.com
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com