Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 24Page - Texas Instruments TMP512 Datasheet HTML 25Page - Texas Instruments TMP512 Datasheet HTML 26Page - Texas Instruments TMP512 Datasheet HTML 27Page - Texas Instruments TMP512 Datasheet HTML 28Page - Texas Instruments TMP512 Datasheet HTML 29Page - Texas Instruments TMP512 Datasheet HTML 30Page - Texas Instruments TMP512 Datasheet HTML 31Page - Texas Instruments TMP512 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
8.3 Status Register (Address = 02h) [reset = 00h]
This register shows the current status of the device.
Return to Register Map.
Figure 8-3. Status Register
7
6
5
4
3
2
1
0
ADC_Busy
Reserved
THigh
TLow
Remote_Fault
TCrit
Reserved
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 8-5. Status Register Field Descriptions
Bit
Field
Type
Reset
Description
7
ADC_Busy
R
0h
Indicates if the ADC is busy in the middle of a conversion
0h = The ADC is idle
1h = The ADC is converting
6-5
Reserved
R
0h
Reserved
4
THigh
R
0h
Indicates if any of the temperature channel (local or remote)
result is higher than the high limit register setting. When set, this
bit asserts the ALERT pin.
0h = All temperature results are below the high limit
1h = Any one of the temperature result exceeds the high limit
3
TLow
R
0h
Indicates if any of the temperature channel (local or remote)
result is lower than the low limit register setting. When set, this
bit asserts the ALERT pin.
0h = All temperature results are above the low limit
1h = Any one of the temperature result drops below the low limit
2
Remote_Fault
R
0h
Indicates if either one of the remote channels is disconnected or
shorted.
0h = Both remote channels are connected
1h = Either one of the remote channels is disconnected or
shorted.
1
TCrit
R
0h
Indicates if any of the temperature channel (local or remote)
result is above the corresponding T_CRIT limit. When set, this
bit asserts the T_CRIT pin.
0h = All temperature results are below the configured T_CRIT
limits.
1h = Any one of the temperature result exceeds the configured
T_CRIT limits.
0
Reserved
R
0h
Reserved
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com