Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 18Page - Texas Instruments TMP512 Datasheet HTML 19Page - Texas Instruments TMP512 Datasheet HTML 20Page - Texas Instruments TMP512 Datasheet HTML 21Page - Texas Instruments TMP512 Datasheet HTML 22Page - Texas Instruments TMP512 Datasheet HTML 23Page - Texas Instruments TMP512 Datasheet HTML 24Page - Texas Instruments TMP512 Datasheet HTML 25Page - Texas Instruments TMP512 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
S
A6
A5
A4
A3
A2
A1
A0
0
A
START
Target Address
P6
P5
P4
P3
P2
P1
P0
A
P7
R/W
ACK from Target
Register Pointer (N)
D6
D5
D4
D3
D2
D1
D0
A
D7
P
STOP
ACK from Target
ACK from Target
Data to Register N
Target controls SDA line
Controller controls SDA line
Figure 7-12. Write to Single Register
7.5.4.2 Reads
For a read operation, the controller sends a START condition followed by the target address with the R/W bit
set to 0 (signifying a write). The target acknowledges the write request, and the controller sends the Register
Pointer. After the Register Pointer, the host initiates a restart, followed by the target address with the R/W bit set
to 1 (signifying a read). The controller continues to send out clock pulses, but releases the SDA line so that the
target can transmit data. At the end of every byte of data, the controller sends an ACK to the target, letting the
target know that the controller is ready for more data. Figure 7-13 shows an example of reading a single byte
from a target register. The TMP4719 does not support multiple register reads with a single transaction.
If repeated reads from the same register are desired, the pointer register bytes do not have to be continually
sent, as shown in Figure 7-14. The TMP4719 remembers the pointer register value until the value is changed by
the next write operation. Note that after the device POR, the pointer address is defaulted to 0h. Therefore, the
controller can read (and re-read) the Temp_Local register content without setting the pointer value.
S
A6
A5
A4
A3
A2
A1
A0
0
A
START
Target Address
R/W
ACK from Target
ACK from Target
D6
D5
D4
D3
D2
D1
D0
D7
P
STOP
NACK from Controller
Data from Register N
RS
A6
A5
A4
A3
A2
A1
A0
1
A
Re-START
Target Address
R/W
ACK from Target
Target controls SDA line
Controller controls SDA line
P6
P5
P4
P3
P2
P1
P0
A
P7
Register Pointer (N)
Figure 7-13. Read from Single Register
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com