Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 50 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 46Page - Texas Instruments TMP512 Datasheet HTML 47Page - Texas Instruments TMP512 Datasheet HTML 48Page - Texas Instruments TMP512 Datasheet HTML 49Page - Texas Instruments TMP512 Datasheet HTML 50Page - Texas Instruments TMP512 Datasheet HTML 51Page - Texas Instruments TMP512 Datasheet HTML 52Page - Texas Instruments TMP512 Datasheet HTML 53Page - Texas Instruments TMP512 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
9.2.3 Application Curve
Remote Diode Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1.5
-1
-0.5
0
0.5
1
1.5
Figure 9-3. Remote Temperature Accuracy vs Temperature
9.3 Power Supply Recommendations
The TMP4719 device operates with a power-supply range of 1.62V to 5.5V. The device is optimized for
operation at a 3.3V supply but can measure temperature accurately in the full supply range. A power-supply
bypass capacitor is highly recommended. Place this capacitor as close as possible to the supply and ground
pins of the device. A typical value for this supply bypass capacitor is 0.1μF. Applications with noisy or high-
impedance power supplies can require additional decoupling capacitors to reject power-supply noise.
9.4 Layout
9.4.1 Layout Guidelines
Remote temperature sensing on the TMP4719 device measures small voltages using very low currents;
therefore, noise at the device inputs must be minimized. Most applications using the TMP4719 have high digital
content, with several clocks and logic-level transitions that create a noisy environment. The layout must adhere
to the following guidelines:
1. Place the TMP4719 device as close to the remote junction sensor as possible.
2. Route the DP and DN traces next to each other and shield them from adjacent signals through the use of
ground guard traces. If a multilayer PCB is used, bury these traces between the ground or V+ planes to
shield them from extrinsic noise sources. 5mil (0.127mm) PCB traces are recommended.
3. Minimize additional thermocouple junction-induced offset voltage caused by copper-to-solder connections.
If these junctions are used, make the same number and approximate locations of copper-to-solder
connections in both the DP and DN connections to cancel any thermocouple effects.
4. Use a 0.1μF local bypass capacitor directly between the VDD and GND of the TMP4719 device. For
optimum measurement performance, minimize filter capacitance between DP and DN to 1.5nF or less. This
capacitance includes any cable capacitance between the remote temperature sensor and the TMP4719
device. The external capacitor shall be placed as close to the DP and DN pin as possible.
5. If the connection between the remote temperature sensor and the TMP4719 device is less than 8in
(20.32cm) long, use a twisted-wire pair connection. For lengths greater than 8 inches, use a twisted,
shielded pair with the shield grounded as close to the TMP4719 device as possible. Leave the remote
sensor connection end of the shield wire open to avoid ground loops and 60Hz pickup.
6. Thoroughly clean and remove all flux residue in and around the pins of the TMP4719 device to avoid any
leakage-induced temperature measurement error.
7. If series resistors are added, equal value shall be used for the DP and DN connections, and the total value
shall not be greater than 1kΩ. Place the resistors as close to the DP and DN pins as possible.
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
50
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com