Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 7Page - Texas Instruments TMP512 Datasheet HTML 8Page - Texas Instruments TMP512 Datasheet HTML 9Page - Texas Instruments TMP512 Datasheet HTML 10Page - Texas Instruments TMP512 Datasheet HTML 11Page - Texas Instruments TMP512 Datasheet HTML 12Page - Texas Instruments TMP512 Datasheet HTML 13Page - Texas Instruments TMP512 Datasheet HTML 14Page - Texas Instruments TMP512 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
7 Detailed Description
7.1 Overview
The TMP4719 is a digital temperature sensor that combines a local temperature measurement channel and
2 remote-junction temperature measurement channels in a single 10-pin package. The device is I2C and
SMBus compatible and is specified over a temperature range of –40°C to 125°C. The device supports various
features to improve the noise immunity of the device and provide a robust design for complex thermal
environment monitoring applications, including series resistance cancellation, programmable ideality factor (η-
factor), programmable temperature limits, and programmable digital filters. The device supports I2C and SMBus
communication with logic levels down to 1.2V regardless of the main supply rail, enabling interoperability with
low-voltage MCUs without needing a secondary low-voltage supply.
7.2 Functional Block Diagram
V+
SDA
Control Logic
Oscillator
Internal
thermal
BJT
ALERT
SCL
Serial Interface
GND
ADC
Register
Bank
V+
ID
6 * ID
16 * ID
V+
V+
V+
T_CRIT
DP1/ DN1
DP2/ DN2
Figure 7-1. Functional Block Diagram
www.ti.com
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com