Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 26Page - Texas Instruments TMP512 Datasheet HTML 27Page - Texas Instruments TMP512 Datasheet HTML 28Page - Texas Instruments TMP512 Datasheet HTML 29Page - Texas Instruments TMP512 Datasheet HTML 30Page - Texas Instruments TMP512 Datasheet HTML 31Page - Texas Instruments TMP512 Datasheet HTML 32Page - Texas Instruments TMP512 Datasheet HTML 33Page - Texas Instruments TMP512 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
8.5 Conv_Period Register (Address = 04h or 0Ah) [reset = 06h]
This register is used to configure the conversion period of the device.
Return to Register Map.
Figure 8-5. Conv_Period Register
7
6
5
4
3
2
1
0
Reserved
Conv_Period[3:0]
R-0h
R/W-6h
Table 8-7. Conv_Period Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
Reserved
R
0h
Reserved
3:0
Conv_Period[3:0]
R/W
6h
Conversion period setting. This bit field changes the conversion
period of the device at the next possible interval but does not
restart an on-going conversion period. Writing an unsupported
value to this setting puts the device in Shutdown mode.
0h = 16s / 0.0625Hz
1h = 8s / 0.125Hz
2h = 4s / 0.25Hz
3h = 2s / 0.5Hz
4h = 1s / 1Hz
5h = 0.5s / 2Hz
6h = 0.25s / 4Hz
7h = 0.125s / 8Hz
8h = 0.0625s / 16Hz
9h-Fh = 1s / 1Hz
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com