Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 39Page - Texas Instruments TMP512 Datasheet HTML 40Page - Texas Instruments TMP512 Datasheet HTML 41Page - Texas Instruments TMP512 Datasheet HTML 42Page - Texas Instruments TMP512 Datasheet HTML 43Page - Texas Instruments TMP512 Datasheet HTML 44Page - Texas Instruments TMP512 Datasheet HTML 45Page - Texas Instruments TMP512 Datasheet HTML 46Page - Texas Instruments TMP512 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
8.28 η-Factor_Ch1 Register (Address = 27h) [reset = 12h]
This register is used to configure the diode ideality factor for remote channel 1 according to settings in Table
8-30. The default value 12h corresponds to the ideality factor of 1.004.
Return to Register Map.
Table 8-30. η-Factor Lookup Table
Setting
η-Factor
Setting
η-Factor
8
0.9911
20
1.0225
9
0.9923
21
1.0238
A
0.9936
22
1.0251
B
0.9949
23
1.0263
C
0.9962
24
1.0277
D
0.9975
25
1.0290
E
0.9987
26
1.0302
F
1.0001
27
1.0316
10
1.0013
28
1.0328
11
1.0026
29
1.0341
12
1.004
2A
1.0354
13
1.0053
2B
1.0367
14
1.0066
2C
1.0379
15
1.0079
2D
1.0393
16
1.0092
2E
1.0405
17
1.0105
2F
1.0419
18
1.0118
30
1.0431
19
1.0131
31
1.0445
1A
1.0144
32
1.0456
1B
1.0159
33
1.0470
1C
1.0171
34
1.0482
1D
1.0185
35
1.0496
1E
1.0198
36
1.0508
1F
1.0211
37
1.0522
Figure 8-28. η-Factor_Ch1 Register
7
6
5
4
3
2
1
0
η-Factor_Ch1[7:0]
R/W-12h
Table 8-31. η-Factor_Ch1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
η-Factor_Ch1[7:0]
R/W
12h
This register is used to configure the diode ideality factor for
remote channel 1. Refer to Table 8-30 for the specific settings.
www.ti.com
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com