Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 45Page - Texas Instruments TMP512 Datasheet HTML 46Page - Texas Instruments TMP512 Datasheet HTML 47Page - Texas Instruments TMP512 Datasheet HTML 48Page - Texas Instruments TMP512 Datasheet HTML 49Page - Texas Instruments TMP512 Datasheet HTML 50Page - Texas Instruments TMP512 Datasheet HTML 51Page - Texas Instruments TMP512 Datasheet HTML 52Page - Texas Instruments TMP512 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
9.2.2 Detailed Design Procedure
The ideality factor (η) is a measured characteristic of a remote temperature sensor diode as compared to an
ideal diode. Compensating for ideality factor differences is simple if the diode manufacturer specifies the n-factor
in the respective data sheet. If the ideality factor of the transistor is not specified, the manufacturer can be able
to provide the n-factor value by a special request.
Typical ideality factor specification differences cause a gain variation of the transfer function. The TMP4719 is
calibrated for the ideality factor of 1.004, so use η-Factor Lookup Table to compensate for a target ideality factor
that differs from 1.004.
For example, if MMBT3906FZ-7B bipolar transistor, which has an ideality factor of approximately 1.008, is
selected for this design example, 15h with a ideality factor (η) of 1.0079 is the closest value that can be
programmed to compensate for the differing typical ideality factors. Referring to I2C and Register Map, the
controller then sends a write command to the address of the target (4Dh) followed by the register pointer (27h)
and finally the data (15h) to η-Factor_Ch1 Register.
The design calls for the high temperature limit of 88°C at device power up, which is programmed using I2C.
Referring to I2C and Register Map, the controller sends a write command to the address of the target (4Dh)
followed by the register pointer (07h) and finally the data (51h) to THigh_Limit_Remote_Ch1_High Register.
S
1
0
0
1
1
0
1
0
A
START
Target Address
0
0
0
0
1
1
1
A
0
R/W
ACK from Target
Register Pointer (N)
THigh_Limit_Remote_Ch1_High
1
0
1
1
0
0
0
A
0
P
STOP
ACK from Target
ACK from Target
Data to Register (88 C)
Target controls SDA line
Controller controls SDA line
Figure 9-2. Application Example: Program Using I2C to Set Temperature High Limit
Remote junction temperature sensors are typically implemented in a noisy environment. Noise is most often
created by fast digital signals, and noise can corrupt measurements. The TMP4719 device has a built-in, 65kHz
low-pass filter on the inputs of D+ and D– to minimize the effects of noise. However, a bypass capacitor placed
differentially across the inputs of the remote temperature sensor is recommended to make the application more
robust against unwanted coupled signals. For this capacitor, select a value between 100pF and 1.5nF. Some
applications attain better overall accuracy with additional series resistance; however, this increased accuracy is
application-specific. When series resistance is added, the total value must not be greater than 1kΩ. If filtering is
required, suggested component values are 470pF and 50Ω on each input; exact values are application-specific.
www.ti.com
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com