Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 30Page - Texas Instruments TMP512 Datasheet HTML 31Page - Texas Instruments TMP512 Datasheet HTML 32Page - Texas Instruments TMP512 Datasheet HTML 33Page - Texas Instruments TMP512 Datasheet HTML 34Page - Texas Instruments TMP512 Datasheet HTML 35Page - Texas Instruments TMP512 Datasheet HTML 36Page - Texas Instruments TMP512 Datasheet HTML 37Page - Texas Instruments TMP512 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
8.12 Scratchpad1 Register (Address = 11h) [reset = 00h]
This is one of the two Scratchpad registers that are editable and readable to store user-programmable data,
such as serial number and system calibration data. The Scratchpad registers are volatile.
Return to Register Map.
Figure 8-12. Scratchpad1 Register
7
6
5
4
3
2
1
0
Scratchpad1[7:0]
R/W-00h
Table 8-14. Scratchpad1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
Scratchpad1[7:0]
R/W
00h
8-bit Scratchpad data to store user-programmable data.
Reading the register returns the previously programmed
content. The data is volatile and power needs to be supplied
to the device for the programmed data to be retained.
8.13 Scratchpad2 Register (Address = 12h) [reset = 00h]
This is one of the two Scratchpad registers that are editable and readable to store user-programmable data,
such as serial number and system calibration data. The Scratchpad registers are volatile.
Return to Register Map.
Figure 8-13. Scratchpad2 Register
7
6
5
4
3
2
1
0
Scratchpad2[7:0]
R/W-00h
Table 8-15. Scratchpad2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
Scratchpad2[7:0]
R/W
00h
8-bit Scratchpad data to store user-programmable data.
Reading the register returns the previously programmed
content. The data is volatile and power needs to be supplied
to the device for the programmed data to be retained.
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com