Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 21Page - Texas Instruments TMP512 Datasheet HTML 22Page - Texas Instruments TMP512 Datasheet HTML 23Page - Texas Instruments TMP512 Datasheet HTML 24Page - Texas Instruments TMP512 Datasheet HTML 25Page - Texas Instruments TMP512 Datasheet HTML 26Page - Texas Instruments TMP512 Datasheet HTML 27Page - Texas Instruments TMP512 Datasheet HTML 28Page - Texas Instruments TMP512 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
8 Register Map
Table 8-1. TMP4719 Registers
REGISTER
ADDRESS
SHARED
ADDRESS
TYPE
RESET
ACRONYM
REGISTER NAME
SECTION
00h
N/A
R
00h
Temp_Local
Local temperature register
GO
01h
N/A
R
00h
Temp_Remote_Ch1_Hig
h
Remote (Channel 1) temperature (high
byte) register
GO
02h
N/A
R
00h
Status
Status register
GO
03h
09h
R/W
00h
Configuration
Configuration register
GO
04h
0Ah
R/W
06h
Conv_Period
Conversion period register
GO
05h
0Bh
R/W
55h
THigh_Limit_Local
Local temperature high limit register
GO
06h
0Ch
R/W
00h
TLow_Limit_Local
Local temperature low limit register
GO
07h
0Dh
R/W
55h
THigh_Limit_Remote_Ch
1_High
Remote (Channel 1) high limit (high
byte) register
GO
08h
0Eh
R/W
00h
TLow_Limit_Remote_Ch
1_High
Remote (Channel 1) low limit (high
byte) register
GO
0Fh
N/A
W
00h
One_Shot
One shot conversion register
GO
10h
N/A
R
00h
Temp_Remote_Ch1_Low
Remote (Channel 1) temperature (low
byte) register
GO
11h
N/A
R/W
00h
Scratchpad1
Scratchpad 1 register
GO
12h
N/A
R/W
00h
Scratchpad2
Scratchpad 2 register
GO
13h
N/A
R/W
00h
THigh_Limit_Remote_Ch
1_Low
Remote (Channel 1) high limit (low
byte) register
GO
14h
N/A
R/W
00h
TLow_Limit_Remote_Ch
1_Low
Remote (Channel 1) low limit (low
byte) register
GO
15h
N/A
R/W
55h
THigh_Limit_Remote_Ch
2_High
Remote (Channel 2) high limit (high
byte) register
GO
16h
N/A
R/W
00h
TLow_Limit_Remote_Ch
2_High
Remote (Channel 2) low limit (high
byte) register
GO
17h
N/A
R/W
00h
THigh_Limit_Remote_Ch
2_Low
Remote (Channel 2) high limit (low
byte) register
GO
18h
N/A
R/W
00h
TLow_Limit_Remote_Ch
2_Low
Remote (Channel 2) low limit (low
byte) register
GO
19h
N/A
R/W
55h
THigh_Crit_Remote_Ch1
Remote (Channel 1) T_CRIT limit
register
GO
1Ah
N/A
R/W
55h
THigh_Crit_Remote_Ch2
Remote (Channel 2) T_CRIT limit
register
GO
1Bh
N/A
R
00h
Diode_Fault
Remote diode open/short fault
indicator register
GO
1Fh
N/A
R/W
00h
Alert_Mask
Remote channel alert masking register
GO
20h
N/A
R/W
55h
THigh_Crit_Local
Local T_CRIT limit register
GO
21h
N/A
R/W
0Ah
Hysteresis
Hysteresis register for ALERT and
T_CRIT
GO
23h
N/A
R
00h
Temp_Remote_Ch2_Hig
h
Remote (Channel 2) temperature (high
byte) register
GO
24h
N/A
R
00h
Temp_Remote_Ch2_Low
Remote (Channel 2) temperature (low
byte) register
GO
27h
N/A
R/W
12h
η-Factor_Ch1
Remote (Channel 1) η-Factor
correction register
GO
www.ti.com
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com