Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 42Page - Texas Instruments TMP512 Datasheet HTML 43Page - Texas Instruments TMP512 Datasheet HTML 44Page - Texas Instruments TMP512 Datasheet HTML 45Page - Texas Instruments TMP512 Datasheet HTML 46Page - Texas Instruments TMP512 Datasheet HTML 47Page - Texas Instruments TMP512 Datasheet HTML 48Page - Texas Instruments TMP512 Datasheet HTML 49Page - Texas Instruments TMP512 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
8.32 TCRIT_Limit_Status Register (Address = 37h) [reset = 00h]
The TCRIT_Limit_Status Register contains the status bits that are set when a temperature channel's TCRIT limit
is exceeded. If any of these bits are set, the TCRIT status bit in the Status Register is also set, and the TCRIT
pin is asserted low.
Reading from the TCRIT_Limit_Status Register does not clear the bits in the register. Once the temperature
drops below TCRIT limit minus the TCRIT hysteresis, the corresponding status bit is automatically cleared. The
TCRIT bit in Status Register is also automatically cleared when all individual channel bits are cleared in the
TCRIT_Limit_Status register.
Return to Register Map.
Figure 8-32. TCRIT_Limit_Status Register
7
6
5
4
3
2
1
0
Reserved
Ch2_TCRIT
Ch1_TCRIT
Local_TCRIT
R-00h
R-0h
R-0h
R-0h
Table 8-35. TCRIT_Limit_Status Register Field Descriptions
Bit
Field
Type
Reset
Description
7:3
Reserved
R
00h
Reserved
2
Ch2_TCRIT
R
0h
This bit is set when the remote temperature channel 2 exceeds
the configured TCRIT limit.
1
Ch1_TCRIT
R
0h
This bit is set when the remote temperature channel 1 exceeds
the configured TCRIT limit.
0
Local_TCRIT
R
0h
This bit is set when the local temperature channel exceeds the
configured TCRIT limit.
8.33 Filter_Control Register (Address = 40h) [reset = 00h]
This register controls the remote diode filter level.
Return to Register Map.
Figure 8-33. Filter_Control Register
7
6
5
4
3
2
1
0
Reserved
Filter_Control[1:0]
R-00h
R/W-0h
Table 8-36. Filter_Control Register Field Descriptions
Bit
Field
Type
Reset
Description
7:2
Reserved
R
00h
Reserved
1:0
Filter_Control[1:0]
R/W
0h
Controls the filter level. The filter is a moving average of the
Remote temperature conversion results.
0h = 0 moving average (default)
1h = 4 moving average (level 1)
2h = 4 moving average (level 1)
3h = 8 moving average (level 2)
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com