Electronic Components Datasheet Search
  English  ▼

X  

SMSXXXAF Datasheet(PDF) 34 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 34 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 30Page - Numonyx B.V SMSXXXAF Datasheet HTML 31Page - Numonyx B.V SMSXXXAF Datasheet HTML 32Page - Numonyx B.V SMSXXXAF Datasheet HTML 33Page - Numonyx B.V SMSXXXAF Datasheet HTML 34Page - Numonyx B.V SMSXXXAF Datasheet HTML 35Page - Numonyx B.V SMSXXXAF Datasheet HTML 36Page - Numonyx B.V SMSXXXAF Datasheet HTML 37Page - Numonyx B.V SMSXXXAF Datasheet HTML 38Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
Card registers
SMSxxxAF, SMSxxxFF, SMSxxxBF
34/61
5.4
RCA Register
The writable 16-bit Relative Card Address Register contains the card address published by
the card during the identification phase. This address is used for addressed host-card
communications after the card identification phase. The default value of the RCA register is
0000h. This value is reserved, the CMD7 command uses it to set all the cards to the
Standby state.
5.5
DSR Register (Optional)
The 16-bit Driver Stage Register is not used in Numonyx Cards.
5.6
SCR Register
The SD Card Configuration Register (SCR) is a configuration register. The SCR provides
information on the special features that are configured in the SD Memory Card. The size of
SCR Register is 64 bit.
This register is programmed in the factory by the SD Memory Card manufacturer. Table 23
describes the SCR contents.
temporary write protection
TMP_WRITE_PROTECT
1
R/W
[12:12]
File format
FILE_FORMAT
2
R/W(1)
[11:10]
reserved
-
2
R/W
[9:8]
CRC
CRC
7
R/W
[7:1]
not used, always'1
-
1
-
[0:0]
1.
R = readable, W(1) = can be written once, W = can be written several times.
Table 22.
CSD Fields Compatible with CSD Structure V1 / MM Card Specification V2.11
Name
Field
Width
Cell Type(1)
CSD-slice
Table 23.
SCR Fields
Description
Field
Width
Cell Type(1)
SCR Slice
SCR Structure
SCR_STRUCTURE
4
R
[63:60]
SD Memory Card - Specification.
Version
SD_SPEC
4
R
[59:56]
data_status_after erases
DATA_STAT_AFTER_ERASE
1
R
[55:55]
SD Security Support
SD_SECURITY
3
R
[54:52]
DAT Bus width supported
SD_BUS_WIDTHS
4
R
[51:48]
reserved
-
16
R
[47:32]
reserved for manufacturer usage
-
32
R
[31:0]
1.
R = readable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com