Electronic Components Datasheet Search
  English  ▼

X  

SMSXXXAF Datasheet(PDF) 24 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 24 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 20Page - Numonyx B.V SMSXXXAF Datasheet HTML 21Page - Numonyx B.V SMSXXXAF Datasheet HTML 22Page - Numonyx B.V SMSXXXAF Datasheet HTML 23Page - Numonyx B.V SMSXXXAF Datasheet HTML 24Page - Numonyx B.V SMSXXXAF Datasheet HTML 25Page - Numonyx B.V SMSXXXAF Datasheet HTML 26Page - Numonyx B.V SMSXXXAF Datasheet HTML 27Page - Numonyx B.V SMSXXXAF Datasheet HTML 28Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
Secure digital memory card interface
SMSxxxAF, SMSxxxFF, SMSxxxBF
24/61
Table 11.
SD Card Command Format
3.6
Responses
All responses are sent via the command line CMD. Response transmission always starts
with the leftmost bit of the response codeword. The code length depends on the response
type. A response always starts with a start bit (always '0'), followed by the bit indicating the
direction of transmission (from card = '0').
A value denoted by 'X' in Table 12, Table 13, Table 14 and Table 15 indicates a variable
entry.
All responses (except for R3 Responses) are protected by a CRC. All response codewords
are terminated by the end bit (always '1').
There are five types of responses. Their formats are defined as follows:
1.
R1 (normal response command): the code length is 48 bits. Bits 45 to 40 indicate the
index of the command to respond to. The index is a binary coded number (between 0
and 63). The status of the card is coded in 32 bits (see Table 12).
Note that if data transfer to the card takes place, then a busy signal may appear on the
data line after the transmission of each block of data. The host has to check for busy
after data block transmission.
2.
R1b is identical to R1 with an optional busy signal transmitted on the data line. The
card may become busy after receiving these commands, depending on the state it was
in prior to receiving the command. The Host has to check for busy in the response.
3.
R2 (CID, CSD Register): the code length is 136 bits. The contents of the CID Register
are sent as a response to the CMD2 and CMD10 commands. The contents of the CSD
Register are sent as a response to CMD9. Only the bits [127...1] of the CID and CSD
Registers are transferred, the reserved bit [0] of these registers is replaced by the end
bit of the response (see Table 13).
4.
R3 (OCR register): the code length is 48 bits. The contents of the OCR register are
sent as a response to ACMD41 (see Section Table 14. on page 25).
5.
R6 (Published RCA response): the code length is 48 bits. Bits 45 to 40 indicate the
index of the command to respond to. In this case it is '000011' (together with bit 5 in the
status bits it means = CMD3) as shown in Table 15 The 16 MSB bits of the argument
field are used for the Published RCA number.
For more details about Response formats, please refer to the SD Memory Card
Specification.
Bit position
47
46
45:40
39:8
7:1
0
Width
116
32
71
Value
'0
''1
'x
x
x
'1'
Description
Start bit
Transmission
bit
Command
index
Argument
CRC7
End bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com