Electronic Components Datasheet Search
  English  ▼

X  

SMSXXXAF Datasheet(PDF) 54 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 54 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 50Page - Numonyx B.V SMSXXXAF Datasheet HTML 51Page - Numonyx B.V SMSXXXAF Datasheet HTML 52Page - Numonyx B.V SMSXXXAF Datasheet HTML 53Page - Numonyx B.V SMSXXXAF Datasheet HTML 54Page - Numonyx B.V SMSXXXAF Datasheet HTML 55Page - Numonyx B.V SMSXXXAF Datasheet HTML 56Page - Numonyx B.V SMSXXXAF Datasheet HTML 57Page - Numonyx B.V SMSXXXAF Datasheet HTML 58Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
Package mechanical data
SMSxxxAF, SMSxxxFF, SMSxxxBF
54/61
Figure 47.
mini Secure Digital Card Dimensions
MINI SD CARD
A
G3
D3
M2
A1
M1
A2
A3
A3
C
A4
a
e
B1
B2
B6
B4
B3
B9
B7
B8
B5
J3
J2
G1
G4
G2
B
R4
R
R2
R2
R1
R1
R3
R1
R2
R2
Θ
R3
R1
Table 31.
MiniSD package mechanical data
Symbol
millimeters
inches
Note
Typ
Min
Max
Typ
Min
Max
A
20
19.90
20.10
0.7874
0.7834
0.7913
A1
18.50
18.35
18.65
0.7283
0.7244
0.7322
A2
0.60
0.50
0.70
0.0236
0.0216
0.0255
A3
-
1.45
2.05
0.0748
0.0708
0.0767
A4
2.75
-
-
0.1082
0.1062
0.1102
a
1.00
0.85
1.15
0.0393
0.0374
0.0413
B
21.50
21.40
21.60
0.8464
0.8425
0.8503
B1
7.70
7.60
7.80
0.3031
0.3011
0.3051
B2
5.50
5.40
5.60
0.2165
0.2145
0.2185
B3
0.50
-
-
0.0196
0.0177
0.0216
B4
0.20
-
-
0.0078
-
-
B5
3.8
-
-
0.1496
0.1476
0.1515
B6
4.10
-
-
0.1614
0.1594
0.1633
B7
1.00
-
-
0.0393
0.0374
0.0413
B8
5.00
-
-
0.1968
0.2342
0.1988
B9
4.50
-
-
0.1771
0.1751
0.1791
C
1.4
1.3
1.5
0.0551
0.0511
0.0590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com