Electronic Components Datasheet Search
  English  ▼

X  

SMSXXXAF Datasheet(PDF) 51 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 51 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 47Page - Numonyx B.V SMSXXXAF Datasheet HTML 48Page - Numonyx B.V SMSXXXAF Datasheet HTML 49Page - Numonyx B.V SMSXXXAF Datasheet HTML 50Page - Numonyx B.V SMSXXXAF Datasheet HTML 51Page - Numonyx B.V SMSXXXAF Datasheet HTML 52Page - Numonyx B.V SMSXXXAF Datasheet HTML 53Page - Numonyx B.V SMSXXXAF Datasheet HTML 54Page - Numonyx B.V SMSXXXAF Datasheet HTML 55Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Serial peripheral interface (SPI) mode
51/61
Figure 42.
STOP_TRANSMISSION within a Block During Multiple Block Read
Figure 43.
CSD Register Read Operation
7.6.2
Data Write Timings
The host may deselect a card at any moment during Single and Multiple Block Write
operations. The card will release the DataOut line one clock cycle after it is deselected (CS
High). To check whether the card is still busy, the host must reselect it by driving CS Low.
The card will then take control of the DataOut line one clock cycle after being reselected. In
Multiple Block Write operations, the timings from the command being issued to the first data
block being transmitted by the card are the same as for Single Block Write operations (see
Figure 44 for details). The timing of Stop Tran prefixes is the same as that of data blocks.
After the card receives the STOP_TRANSMISSION command, the data on the DataOut line
is undefined for one Byte (NBR), then a busy message may be sent by the card. For timings,
refer to Table 25.
Figure 44.
Single Block Write Operation
L L
* * * * * * * * * * * * * * * * * * * * *
CS
XH
H
HH
Data In
L L
L LL
H
H * H
Read
Command
ai10076
Z Z
Card
Response
* * * *
Data Out
HH H
NCS
NCR
X
H H
H HH H
H H
H * H
H
H * H
* * * * * * * *
STOP_TRAN.
CMD
Data
H * H
Data Block
Card
Response
NAC
NAC
NCR
H
H H
H
H
H * *
X
L L
* * * * * * * * * * * * * * * * * * * * *
CS
X
XX
Data In
L H H HH
H
H * * H
Read Command
ai10077
Z Z
Card Response
* * * * * *
Data Out
HH H
NCS
NCR
X X
H HH H
Z Z
H * H
Z
H * * H
* * * * * * * * * *
Data Block
H
H H
H
L
L L
H
H
H * * H
NCX
NEC
LL
* * * * * * * * * * * * * * * * * * * * *
CS
X
HH
Data In
H L L LL
H
H * H Write Command
ai10078
Z Z
Card
Response
* * * *
Data Out
HH H
NCS
NCR
H H
H HH H
H
X * X
H * H
Busy
H
Z Z
Z
L
H H
L
Data
Response
NCX
NDS
L L L LL
L L
H
H
H * H
H * H
HH HH
Data Block
Busy
H HH HH
H
H
NWR
NEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com