Electronic Components Datasheet Search
  English  ▼

X  

SMSXXXAF Datasheet(PDF) 14 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 14 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 10Page - Numonyx B.V SMSXXXAF Datasheet HTML 11Page - Numonyx B.V SMSXXXAF Datasheet HTML 12Page - Numonyx B.V SMSXXXAF Datasheet HTML 13Page - Numonyx B.V SMSXXXAF Datasheet HTML 14Page - Numonyx B.V SMSXXXAF Datasheet HTML 15Page - Numonyx B.V SMSXXXAF Datasheet HTML 16Page - Numonyx B.V SMSXXXAF Datasheet HTML 17Page - Numonyx B.V SMSXXXAF Datasheet HTML 18Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
Secure digital memory card interface
SMSxxxAF, SMSxxxFF, SMSxxxBF
14/61
Figure 3.
MicroSD pin assignment
Table 9.
MicroSD Contact Pad Assignment
Pin
SD Mode
SPI Mode
Name
Type(1)
1.
S: power supply; I: input; O: output using push-pull drivers; PP: I/O using push-pull drivers.
Description
Name
Type
Description
1
DAT2
I/O/PP
Data Line [Bit 2]
RSV
Reserved
2
CD/DA
T3(2)
2.
The extended DAT lines (DAT1-DAT3) are input on power up. They start to operate as DAT lines after
SET_BUS_WIDTH command. The Host shall keep its own DAT1-DAT3 lines in input mode, as well, while
they are not used. It is defined so, in order to keep compatibility to MultiMediaCards.
I/O/PP
(3)
3.
After power up this line is input with 50KOhm pull-up (can be used for card detection or SPI mode
selection). The pull-up should be disconnected by the user, during regular data transfer, with
SET_CLR_CARD_DETECT (ACMD42) command.
Card Detect / Data Line
[Bit 3]
CS
I
Chip Select (neg true)
3
CMD
PP
Command/Response
DI
I
Data In
4
VDD
S
Supply voltage
VDD
S
Supply voltage
5
CLK
I
Clock
SCLK
I
Clock
6
VSS
S
Supply voltage ground
VSS
S
Supply voltage ground
7
DAT0
I/O/PP
Data Line [Bit 0]
DO
O/PP
Data Out
8
DAT1
RSV
Reserved
Ai11728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com