Electronic Components Datasheet Search
  English  ▼

X  

SMSXXXAF Datasheet(PDF) 30 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 30 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 26Page - Numonyx B.V SMSXXXAF Datasheet HTML 27Page - Numonyx B.V SMSXXXAF Datasheet HTML 28Page - Numonyx B.V SMSXXXAF Datasheet HTML 29Page - Numonyx B.V SMSXXXAF Datasheet HTML 30Page - Numonyx B.V SMSXXXAF Datasheet HTML 31Page - Numonyx B.V SMSXXXAF Datasheet HTML 32Page - Numonyx B.V SMSXXXAF Datasheet HTML 33Page - Numonyx B.V SMSXXXAF Datasheet HTML 34Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
SD memory card hardware interface
SMSxxxAF, SMSxxxFF, SMSxxxBF
30/61
Figure 16.
Data Input/Output Timings Referenced to Clock
Input
Output
VALID
ai10045
tKLKL
tKLKH
tf
tr
tKHKL
tKLDV
tQVKH
tKHQX
tKLDX
VALID
Table 18.
Bus Timings (1)
Symbol
Alt
Parameter
Condition
Min
Max.
Unit
tKLKL
fPP
Clock frequency Data Transfer Mode
CL = 100pF (7 cards)
0
25
MHz
fOD
Clock Frequency Identification Mode
(the low frequency is required for
MultiMediaCard compatibility).
CL = 250pF (21 cards)
0
400
kHz
tKLKH
tWL
Clock low time
CL = 100pF (7 cards)
10
ns
CL = 250pF (21 cards)
50
ns
tKHKL
tWH
Clock high time
CL = 100pF (7 cards)
10
ns
CL = 250pF (21 cards)
50
ns
tr
tTLH
Clock rise time
CL = 100pF (7 cards)
10
ns
CL = 250pF (21 cards)
50
ns
tf
tTHL
Clock fall time
CL = 100pF (7 cards)
10
ns
CL = 250pF (21 cards)
50
ns
Inputs CMD, DAT (referenced to CLK)
tQVKH
tISU
Input set-up time
CL = 25pF (1 card)
5
ns
tKHQX
tIH
Input hold time
CL =25pF (1 card)
5
ns
Outputs CMD, DAT (referenced to CLK)
tKLDX
tKLDV
tODLY
Output Delay time
CL =25pF (1 card)
14
ns
1.
Clock CLK: All values are referred to min (VIL) and max (VIH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com