Electronic Components Datasheet Search
  English  ▼

X  

SMSXXXAF Datasheet(PDF) 53 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 53 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 49Page - Numonyx B.V SMSXXXAF Datasheet HTML 50Page - Numonyx B.V SMSXXXAF Datasheet HTML 51Page - Numonyx B.V SMSXXXAF Datasheet HTML 52Page - Numonyx B.V SMSXXXAF Datasheet HTML 53Page - Numonyx B.V SMSXXXAF Datasheet HTML 54Page - Numonyx B.V SMSXXXAF Datasheet HTML 55Page - Numonyx B.V SMSXXXAF Datasheet HTML 56Page - Numonyx B.V SMSXXXAF Datasheet HTML 57Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Package mechanical data
53/61
8
Package mechanical data
Figure 46.
Full-Size Secure Digital Memory Card Dimensions
1.
Drawing is not to scale.
Table 30.
Full-Size Secure Digital Memory Card Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
2.100
2.050
2.250
0.0827
0.0807
0.0886
D
32.000
31.900
32.100
1.2598
1.2559
1.2638
E
24.000
23.900
24.100
0.9449
0.9409
0.9488
E1
15.000
–
–
0.5906
–
–
FD
4.000
3.900
4.100
0.1575
0.1535
0.1614
FE
4.000
3.900
4.100
0.1575
0.1535
0.1614
SE
8.125
–
–
0.3198
–
–
T1
–
1.400
–
–
0.0551
–
T9
–
1.400
–
–
0.0551
–
T8
–
0.900
–
–
0.0353
–
T7
–
1.100
–
–
0.04331
–
TD1
–
–
1.600
–
–
0.06299
TD2
–
5.000
–
–
0.19685
–
A
MMC-002
E1
E
TD1
TD2
T7
FE
FD
SE
D
1
2
3
4
5
6
7
9
8
T8
T1
T9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com