Electronic Components Datasheet Search
  English  ▼

X  

SMSXXXAF Datasheet(PDF) 31 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 31 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 27Page - Numonyx B.V SMSXXXAF Datasheet HTML 28Page - Numonyx B.V SMSXXXAF Datasheet HTML 29Page - Numonyx B.V SMSXXXAF Datasheet HTML 30Page - Numonyx B.V SMSXXXAF Datasheet HTML 31Page - Numonyx B.V SMSXXXAF Datasheet HTML 32Page - Numonyx B.V SMSXXXAF Datasheet HTML 33Page - Numonyx B.V SMSXXXAF Datasheet HTML 34Page - Numonyx B.V SMSXXXAF Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Card registers
31/61
5
Card registers
Six registers are defined in the card interface: OCR, CID, CSD, RCA, DSR and SCR. See
Table 19 for a description.
The registers are accessed by using the corresponding commands. The OCR, CID, CSD
and SCR registers contain the card/content specific information, whereas the RCA and DSR
registers are configuration registers that store the actual configuration parameters.
For more details about the register structure, please refer to the SD Memory Card
Specification v.1.01.
Table 19.
SD Memory Card Registers
5.1
OCR Register
The 32-bit Operation Conditions Register contains the VDD voltage profile of the card. It also
includes a status information bit that goes High (set to ‘1’) once the card power-up sequence
has completed. The OCR register is used by the cards that do not support the full operating
voltage range of the SD Memory Card bus, or by cards whose power-up sequence does not
match the definition given in Figure 14: Power-Up Diagram.
Name
Width
Description
CID
128
Card IDentification number register. It contains the card’s individual
identification number. It is mandatory.
RCA(1)
1.
The RCA Register is not used (available) in SPI mode.
16
Relative Card Address register. It contains the local system address of the
card, that is dynamically suggested by the card and approved by the host during
initialization. It is mandatory.
DSR
16
Driver Stage Register. It is used to configure the card's output drivers. It is
optional.
CSD
128
Card Specific Data register. It contains the information about the card’s
operation conditions. It is mandatory.
SCR
64
SD Configuration Register. It contains the information about the SD Memory
Card's Special Feature capabilities. It is mandatory
OCR
32
Operation Condition Register. It is mandatory.
Table 20.
OCR Register Definition
OCR Bit Position
VDD Voltage Range
0-3
reserved
4
1.6V to 1.7V
5
1.7V to 1.8V
6
1.8V to 1.9V
7
1.9V to 2.0V
8
2.0V to 2.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com