Electronic Components Datasheet Search
  English  ▼

X  

SMSXXXAF Datasheet(PDF) 40 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 40 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 36Page - Numonyx B.V SMSXXXAF Datasheet HTML 37Page - Numonyx B.V SMSXXXAF Datasheet HTML 38Page - Numonyx B.V SMSXXXAF Datasheet HTML 39Page - Numonyx B.V SMSXXXAF Datasheet HTML 40Page - Numonyx B.V SMSXXXAF Datasheet HTML 41Page - Numonyx B.V SMSXXXAF Datasheet HTML 42Page - Numonyx B.V SMSXXXAF Datasheet HTML 43Page - Numonyx B.V SMSXXXAF Datasheet HTML 44Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
Timings
SMSxxxAF, SMSxxxFF, SMSxxxBF
40/61
where the STOP_TRANSMISSION command is implemented: the end bit of the
STOP_TRANSMISSION command from the host is followed, on the data line, by one more
data bit, then an end bit and two Z-bits. The two Z-bits, which correspond to two clock
cycles, are used to switch the bus direction. The received data block is considered
incomplete and will not be programmed.
In the previous Stop Transmission examples, the host stopped the data transmission during
an active data transfer.
In Figure 29 and Figure 30 the STOP_TRANSMISSION command is received by the card
after all the data blocks have been sent.
In Figure 29, the card is busy programming the last block when the STOP_TRANSMISSION
command is received whereas in Figure 30 the card is idle but the input buffers still contain
data blocks to be programmed. In the second case, the card starts programming the blocks
upon reception of the STOP_TRANSMISSION command and activates the busy signal.
Figure 27.
STOP_TRANSMISSION During Data Transfer From The Host
Figure 28.
STOP_TRANSMISSION During CRC Status Transfer From Card
1.
The card CRC status response was interrupted by the host.
Figure 29.
STOP_TRANSMISSION Received After Last Data Block with Card Busy Programming
ai09518
S T CONTENT
CRC E
Z
* * * * * *
PP
S T
Host Command
Host Command
Card Response
NCR Cycles
CONTENT
S T
CONTENT
CRC
E
CMD
Z P
DD
DDDD
D DD D E ZZ
L
S
Z Z Z
Card is programming
DAT
E
Z Z Z
Z
Z
* * * * * * * * * * * * * * * * * * * * * *
ai10062
S T CONTENT CRC E Z
P * * * * * *
P
S T
Host Command
Host
Command
Card Response
NCR Cycles
CONTENT
S T CONTENT
CRC E
CMD
Z P
DZ
DDDD Z
S Status E ZZ
L
SZ ZZ
Card is programming
DAT
E
Z Z Z
Z
Z
* * * * * * * * * * * * * * * * * * * * * *
Data
Block
CRC
Status(1)
ai10063
S T CONTENT CRC E Z
* * *
ST
Host Command
Host
Command
Card Response
NCR Cycles
CONTENT
S T CONTENT
CRC E
CMD
Z P
L
S
Z ZZ
Card is programming
DAT
E
Z Z Z
Z
Z
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
P
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com