Electronic Components Datasheet Search
  English  ▼

X  

SMSXXXAF Datasheet(PDF) 36 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 36 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 32Page - Numonyx B.V SMSXXXAF Datasheet HTML 33Page - Numonyx B.V SMSXXXAF Datasheet HTML 34Page - Numonyx B.V SMSXXXAF Datasheet HTML 35Page - Numonyx B.V SMSXXXAF Datasheet HTML 36Page - Numonyx B.V SMSXXXAF Datasheet HTML 37Page - Numonyx B.V SMSXXXAF Datasheet HTML 38Page - Numonyx B.V SMSXXXAF Datasheet HTML 39Page - Numonyx B.V SMSXXXAF Datasheet HTML 40Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
Timings
SMSxxxAF, SMSxxxFF, SMSxxxBF
36/61
Figure 17.
Identification Sequence
6.1.2
Card Relative Address Timings
The SD Memory Card timings for CMD3 (SEND_RELATIVE_ADDR) are given in Figure 18.
The minimum delay between the host command and the card response is NCR clock cycles.
Figure 18.
SEND_RELATIVE_ADDRESS Command
6.1.3
Data Transfer Mode
After publishing its RCA the card switches to the Data Transfer mode. The command is
followed by two Z-bits (to leave time for the bus to switch direction) and then by P-bits
pushed by the responding card as shown in Figure 19. The timing diagram presented in
Figure 19 applies to all host commands followed by card responses, and to ACMD41 and
CMD2 commands.
Figure 19.
Response (Data Transfer Mode)
6.1.4
Last Card Response, Next Host Command Timings
After receiving the last card response, the host can start the next command transmission
after NRC clock cycles as shown in Figure 20. The timing diagram presented in Figure 20
applies to any host command.
Figure 20.
Response End To Next CMD Start (Data Transfer Mode)
S
T
CONTENT
CRC E
Z
Z
P
***
P
S
T
CONTENT
Z
Z
Z
Host Command
CID or OCR
NID Cycles
ai10046
CMD
S
T
CONTENT
CRC E
Z
Z
P
***
P
S
T
Z
Z
Z
Host Command
Response
NCR Cycles
ai10047
CONTENT
CRC E
CMD
S
T
CONTENT
CRC E
Z
Z
P
***
P
S
T
Z
Z
Z
Host Command
Response
NCR Cycles
ai10047
CONTENT
CRC E
CMD
S
T
CONTENT
CRC E
Z
******
Z
S
T
Response
Host Command
NRC Cycles
ai10048
CONTENT
CRC E
CMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com