Electronic Components Datasheet Search
  English  ▼

X  

SMSXXXAF Datasheet(PDF) 35 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 35 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 31Page - Numonyx B.V SMSXXXAF Datasheet HTML 32Page - Numonyx B.V SMSXXXAF Datasheet HTML 33Page - Numonyx B.V SMSXXXAF Datasheet HTML 34Page - Numonyx B.V SMSXXXAF Datasheet HTML 35Page - Numonyx B.V SMSXXXAF Datasheet HTML 36Page - Numonyx B.V SMSXXXAF Datasheet HTML 37Page - Numonyx B.V SMSXXXAF Datasheet HTML 38Page - Numonyx B.V SMSXXXAF Datasheet HTML 39Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Timings
35/61
6
Timings
The symbols listed in Table 24 are used in all timing diagrams.
The difference between P-bits and Z-bits is that P-bits are actively driven to High by the card
or the host output driver whereas Z-bits are driven to High and kept High by the pull-up
resistors RCMD and RDAT. P-bits, which are actively driven High, are less sensitive to noise.
All timing values are defined in Table 25
6.1
Command and Response
The host command and the card response are both clocked out on the rising edge of the
host clock.
6.1.1
Card Identification and Operating Conditions Timings
The timings for CMD2 (ALL_SEND_CID) and ACMD41 are shown in Figure 17 The
command is followed by two Z-bits (to leave time for the bus to switch direction) and then by
P-bits pushed up by the responding card. The card response to the host command starts
after NID clock cycles.
Table 24.
Timing Diagram Symbols
Symbol
Description
S
Start bit (= ‘0’)
T
Transmitter bit (Host = '1', Card = '0')
P
One-cycle pull-up (= '1')
E
End bit (=1)
Z
High impedance state (-> = '1')
D
Data bits
X
Don't Care data bits (from card)
*
Repetition
CRC
Cyclic redundancy check bits (7 bits)
Card active
Host active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com