Electronic Components Datasheet Search
  English  ▼

X  

SMSXXXAF Datasheet(PDF) 22 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 22 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 18Page - Numonyx B.V SMSXXXAF Datasheet HTML 19Page - Numonyx B.V SMSXXXAF Datasheet HTML 20Page - Numonyx B.V SMSXXXAF Datasheet HTML 21Page - Numonyx B.V SMSXXXAF Datasheet HTML 22Page - Numonyx B.V SMSXXXAF Datasheet HTML 23Page - Numonyx B.V SMSXXXAF Datasheet HTML 24Page - Numonyx B.V SMSXXXAF Datasheet HTML 25Page - Numonyx B.V SMSXXXAF Datasheet HTML 26Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
Secure digital memory card interface
SMSxxxAF, SMSxxxFF, SMSxxxBF
22/61
When CMD7 is issued with the reserved relative card address "0000h", all cards revert to
the Standby State. This function may be used before identifying new cards, to avoid
resetting already registered cards. When in Standby state the cards that already have an
RCA do not respond to identification commands (CMD41, CMD2, CMD3).
Note that a card is deselected when it receives a CMD7 with an RCA that does not match.
Card deselection is automatic if another card in a system is selected and the cards share
the same CMD lines.
So, in an SD Memory Card system, the host may either have a common CMD line for all SD
Memory Cards (in which case card deselection is automatic just like in a MultiMediaCard
system) or the host may have separate CMD lines, in which case it must be aware of the
necessity of deselecting cards.
All data communications in the Data Transfer Mode are point-to point between the host and
the selected card (using addressed commands). All addressed commands are
acknowledged by a response on the CMD line.
The relationships between the various states in the Data Transfer mode are summarized
below (see Figure 12):
●
All Data Read commands (CMD17, CMD18, CMD30, CMD56, ACMD51) can be
aborted at any time using the Stop command (CMD12). The data transfer will terminate
and the card will return to the Transfer State.
●
All Data Write commands (CMD24,CMD25, CMD26, CMD27, CMD42, CMD56) can be
aborted at any time using the Stop command (CMD12). The write commands must be
stopped prior to deselecting the card using CMD7.
●
As soon as the data transfer has completed, the card switches from the Data Write
state to either the Programming state (if the transfer was successful) or the Transfer
state (if the transfer failed).
●
If a Block Write operation is stopped and the block length and CRC of the last block are
valid, the data will be programmed.
●
The card can provide buffering during Block Write. This means that the data to be
programmed to the next block can be sent to the card while the previous block is being
programmed.
If all write buffers are full, the DAT0 line will remain Low (BUSY) as long as the card is in the
Programming state (see Figure 12).
●
There is no buffering option for Write CSD, Write CID, Write Protection and erase. This
means that while the card is busy with any one of these commands, no other Data
Transfer command will be accepted. The DAT0 line will remain Low as long as the card
is busy and in the Programming state.
●
Parameter Set commands (CMD16, CMD32, CMD33) are not allowed while the card is
programming.
●
Read commands are not allowed while the card is programming.
●
Switching another card from the Standby to the Transfer state (using CMD7) will not
terminate erase and programming operations. The card will switch to the Disconnect
state and release the DAT line.
●
A card in the Disconnect state can be reselected using CMD7. The card will then revert
to the Programming state and reactivate the busy signaling.
●
Resetting a card (using CMD0 or CMD15) will terminate any pending or ongoing
programming operation. This may result in the loss of card contents. It is up to the host
to prevent possible data loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com