Electronic Components Datasheet Search
  English  ▼

X  

SMSXXXAF Datasheet(PDF) 56 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 56 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 52Page - Numonyx B.V SMSXXXAF Datasheet HTML 53Page - Numonyx B.V SMSXXXAF Datasheet HTML 54Page - Numonyx B.V SMSXXXAF Datasheet HTML 55Page - Numonyx B.V SMSXXXAF Datasheet HTML 56Page - Numonyx B.V SMSXXXAF Datasheet HTML 57Page - Numonyx B.V SMSXXXAF Datasheet HTML 58Page - Numonyx B.V SMSXXXAF Datasheet HTML 59Page - Numonyx B.V SMSXXXAF Datasheet HTML 60Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
Package mechanical data
SMSxxxAF, SMSxxxFF, SMSxxxBF
56/61
Figure 48.
MicroSD card mechanical dimensions
MICRO SD
A
A1
A2
A4
C2
A5
A3
B1
B11
B10
B8
B5
B
R6
R3
R5
R19
R4
R1
R2
R17
4 5˚
A8
C
B7
R18
R7
R11
˚
C3
C1
R10
B3
B2
B4
Table 32.
MicroSD package mechanical data
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
10.90
11.00
11.10
0.429
0.433
0.437
A1
9.60
9.70
9.80
0.378
0.382
0.386
A2
–3.85–
–
0.152
–
A3
7.60
7.70
7.80
0.299
0.303
0.307
A4
–1.10–
–
0.043
–
A5
0.75
0.80
0.85
0.030
0.031
0.033
A8
0.60
0.70
0.80
0.024
0.028
0.031
B
14.90
15.00
15.10
0.587
0.591
0.594
B1
6.30
6.40
6.50
0.248
0.252
0.256
B2
1.64
1.84
2.04
0.065
0.072
0.080
B3
1.30
1.50
1.70
0.051
0.059
0.067
B4
0.42
0.52
0.62
0.017
0.020
0.024
B5
2.80
2.90
3.00
0.110
0.114
0.118
B7
0.20
0.30
0.40
0.008
0.012
0.016
B8
1.00
1.10
1.20
0.039
0.043
0.047
B10
7.80
7.90
8.00
0.307
0.311
0.315
B11
1.10
1.20
1.30
0.043
0.047
0.051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com