Electronic Components Datasheet Search
  English  ▼

X  

OMAP3530 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530
Description  Applications Processor
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530 Datasheet(HTML) 5 Page - Texas Instruments

  OMAP3530 Datasheet HTML 1Page - Texas Instruments OMAP3530 Datasheet HTML 2Page - Texas Instruments OMAP3530 Datasheet HTML 3Page - Texas Instruments OMAP3530 Datasheet HTML 4Page - Texas Instruments OMAP3530 Datasheet HTML 5Page - Texas Instruments OMAP3530 Datasheet HTML 6Page - Texas Instruments OMAP3530 Datasheet HTML 7Page - Texas Instruments OMAP3530 Datasheet HTML 8Page - Texas Instruments OMAP3530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 230 page
background image
www.ti.com
OMAP3530/25 Applications Processor
SPRS507 – FEBRUARY 2008
Table 1-1. Differences Between CBB and CUS Packages
Feature
CBB Package
CUS Package
Pin assignments are different from the CUS
For CBB package pin assignments, see Table 2-1,
Pin Assignments
package. For CUS package pin assignments, see
Ball Characteristics (CBB Package).
Table 2-2, Ball Characteristics (CUS Package).
Package-On-Package (POP)
POP interface supported.
POP interface not available.
Interface
Chip select pins gpmc_ncs1 and gpmc_ncs2 are
Eight chip select pins available.
not available.
GPMC
Wait pins gpmc_wait1 and gpmc_wait2 are not
Four wait pins available.
available.
The following signals are available on two pins
The following signals are available on one pin
(double muxed): uart2_cts (AF6/AB26), uart2_rts
UART2
only: uart2_cts (V6), uart2_rts (V5), uart2_tx
(AE6/AB25), uart2_tx (AF5/AA25), and uart2_rx
(W4), and uart2_rx (V4).
(AE5/AD25).
The following signals are available on three pins
The following signals are available on two pins
(triple muxed): mcbsp3_dx (AF6/AB26/V21),
only (double muxed): mcbsp3_dx (V6/W18),
McBSP3
mcbsp3_dr (AE6/AB25/U21), mcbsp3_clkx
mcbsp3_dr (V5/Y18), mcbsp3_clkx (W4/V18),
(AF5/AA25/W21), and mcbsp3_fsx (AE5/AD25/K26). and mcbsp3_fsx (V4/AA19).
The following signals are available on three pins
The following signals are available on two pins
(triple muxed): gpt8_pwm_evt (N8/AD25/V3),
only (double muxed): gpt8_pwm_evt (G4/M4),
GP Timer
gpt9_pwm_evt (T8/AB26/Y2), gpt10_pwm_evt
gpt9_pwm_evt (F4/N4), gpt10_pwm_evt (G5/N3),
(R8/AB25/Y3), and gpt11_pwm_evt (P8/AA25/Y4).
and gpt11_pwm_evt (F3/M5).
The following signals are available on two pins
The following signals are available on one pin
(double muxed): mcbsp4_clkx (T8/AE1), mcbsp4_dr
McBSP4
only: mcbsp4_clkx (F4), mcbsp4_dr (G5),
(R8/AD1), mcbsp4_dx (P8/AD2), and mcbsp4_fsx
mcbsp4_dx (F3), and mcbsp4_fsx (G4).
(N8/AC1).
HSUSB3_TLL
Supported.
Not Supported.
MM_FSUSB3
Supported.
Not Supported.
Chip select pins mcspi1_cs1 and mcspi1_cs2 are
McSPI1
Four chip select pins are available.
not available.
The following signals are available on two pins
The following signals are available on one pin
MMC3
(double muxed): mmc3_cmd (AC3/AE10) and
only: mmc3_cmd (AD3) and mmc3_clk (AC1).
mmc3_clk (AB1/AF10).
A maximum of 170 GPIO pins are supported.
The following GPIO pins are not available:
gpio_112, gpio_113, gpio_114, gpio_115,
gpio_52, gpio_53, gpio_63, gpio_64, gpio_144,
gpio_145, gpio_146, gpio_147, gpio_152,
GPIO
A maximum of 188 GPIO pins are supported.
gpio_153, gpio_154, gpio_155, gpio_175, and
gpio_176.
Pin muxing restricts the total number of GPIO
pins available at one time. For more details, see
Table 2-4, Multiplexing Characteristics (CUS
Pkg.).
PLL
The adpllv2d_dithering_en2 pin is supported.
The adpllv2d_dithering_en2 pin is not supported.
This OMAP3530/25 Applications Processor data manual presents the electrical and mechanical
specifications for the OMAP3530/25 Applications Processor. It consists of the following sections:
• A description of the OMAP3530/25 terminals: assignment, electrical characteristics, multiplexing, and
functional description (Section 2)
• A presentation of the electrical characteristics requirements: power domains, operating conditions,
power consumption, and dc characteristics (Section 3)
• The clock specifications: input and output clocks, DPLL and DLL (Section 4)
• The video DAC specification (Section 5)
• The timing requirements and switching characteristics (ac timings) of the interfaces (Section 6)
• A description of thermal characteristics, device nomenclature, and mechanical data about the available
packaging (Section 7)
Submit Documentation Feedback
OMAP3530/25 Applications Processor
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com