Electronic Components Datasheet Search
  English  ▼

X  

OMAP3530 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530
Description  Applications Processor
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530 Datasheet(HTML) 95 Page - Texas Instruments

Back Button OMAP3530 Datasheet HTML 91Page - Texas Instruments OMAP3530 Datasheet HTML 92Page - Texas Instruments OMAP3530 Datasheet HTML 93Page - Texas Instruments OMAP3530 Datasheet HTML 94Page - Texas Instruments OMAP3530 Datasheet HTML 95Page - Texas Instruments OMAP3530 Datasheet HTML 96Page - Texas Instruments OMAP3530 Datasheet HTML 97Page - Texas Instruments OMAP3530 Datasheet HTML 98Page - Texas Instruments OMAP3530 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 230 page
background image
www.ti.com
2.4.9
Power Supplies
OMAP3530/25 Applications Processor
SPRS507 – FEBRUARY 2008
Table 2-24. Power Supplies Signals Description(1)
SIGNAL NAME
DESCRIPTION
BALL BOTTOM
BALL TOP
BALL BOTTOM
(CBB Pkg.)
(CBB Pkg.)
(CUS Pkg.)
vdd_mpu_iva
ARM/IVA power domain
Y9 / W9 / T9 / R9 / M9 /
NA
W13/ W12/ V13/ V12/
L9 / J9 / Y10 / U10 / T10 /
U13/ U12/ T8/ T7/ R8/ R7/
R10 / N10 / M10 / L10 /
R6/ N8/ N7/ N6/ M12/ M8/
J10 / Y11 / W11 / K11 /
M7/ M6/ L12/ L11/ J10/
J11 / W12 / K13 / Y14 /
J9/ H10/ H9/ G10/ G9/F10
K14 / J14 / Y15 / W15 /
J15
vdd_core
Core power domain
AC4 / J4 / H4 / D8 / AE9 /
NA
T20/ T19/ T18/ T17/ R19/
D9 / D15 / Y16 / AE18 /
R18/ R17/ M15/ M14/ L15/
Y18 / W18 / K18 / J18 /
L14/ K19/ K18/ K17/ J18/
AE19 / Y19 / U19 / T19 /
J17/ H13/ H12/ G13/ G12/
N19 / M19 / J19 / Y20 /
F13/ F12
W20 / V20 / U20 / P20 /
N20 / K20 / J20 / D22 /
D23 / AE24 / M25 / L25 /
E25
cap_vdd_wkup
Wakeup/EMU/memory
AA15
NA
Y12
domains, connect capacitor
bg_testout
Used for band gap test
U4
NA
AD1
vdds_dpll_dll
DLL IO power domain (1.8
K15
NA
G18
V): internal connection to
PLL_VDDS, power supply for
3PLL (1.8 V)
vpp
eFuse programmation
G1
NA
B1
vdda_dac
Video DAC power plane
V25
NA
AB13
vssa_dac
Video DAC ground plane
Y26
NA
AB15
vdds
IO power plane
AD3 / AD4 / W4 / AF8 /
NA
Y9 / W10 / W9 / V10 / V9
AE8 / AF16 / AE16 / AF23
/ U10 / N19 / N18 / N17 /
/ AE23 / F25 / F26 /
M19 / M18 / M17 / H8
AG27/ AE27/ AG20/ H28/
AG21/P25
vdds_mem
Memory IO power plane
U1 / J1 / F1 / J2 / F2 / R4
AC5 / P1 / H1 / F23 / E1 /
K8 / K7 / K6 / J8 / J7 / J6 /
/ B5 / A5 / AH6 / B8 / A8 /
C23 / A4 / A7 / A10 / A15
H15 / G16 / G15 / F16 /
B12 / A12 / D16 / C16 /
/ A18
F15 / E16
B18 / A18 / B22 / A22 /
G28 / C28
vdds_dpll_per
Peripheral DPLLs power rail
AA16
NA
U17
vdds_wkup_bg
For wakeup LDO and VDDA
AA14
NA
AA13
(2 LDOs SRAM and BG)
vss
Ground
AG2 / U2 / B2 / AG3 / W3
H2 / B18 / AC20 / AB5 /
W15/ V16/ V15/ U16/
/ P3 / J3 / E3 / A3 / P4 /
AB14 / AB20 / P2 / F22 /
U15/ U14/ U11/ U9/T16/
E4 / AG6 / D7 / C7 / V9 /
E2 / C22 / B4 / B7 / B10 /
T15/ T14/ T13/ T12/ T11/
U9 / P9 / N9 / K9 / W10 /
B15
T10/ T9/ R15/ R14/ R11/
V10 / P10 / K10 / D10 /
R10/ P17/ P15/ P14/
C10 / AF12 / AE12 / Y12 /
P13/P12/ P11/ P10/ P8/
K12 / J12 / Y13 / W13 /
N16/ N15/ N14/ N13/ N12/
J13 / D13 / C13 / W14 /
N11/ N10/ N9/ M16/ M13/
K16 / J16 / Y17 / W17 /
M11/ M10/ M9/ L17/ L13/
K17 / J17 / W19 / V19 /
L10/ L8/ K15/ K14/ K11/
R19 / P19 / L19 / K19 /
K10/ J16/ J15/ J14/ J13/
D19 / C19 / AF20 / AE20 /
J12/ J11/H16/ H14/ H11
T20 / R20 / M20 / L20 /
D21 / C22 / AC25 / Y25 /
W25 / AC26 / R26 / L26 /
A26 / G27 / B27/ AA26/
M28/ AG16/ AH21
vdds_sram
SRAM LDOs
W16
NA
AA12
Submit Documentation Feedback
TERMINAL DESCRIPTION
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com