| Electronic Components Datasheet Search |
|
OMAP3530 Datasheet(PDF) 65 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530 Datasheet(HTML) 65 Page - Texas Instruments |
|
65 / 230 page ![]() www.ti.com OMAP3530/25 Applications Processor SPRS507 – FEBRUARY 2008 Table 2-3. Multiplexing Characteristics (CBB Pkg.)(1) (continued) Ball Ball Mode 0 Mode 1 Mode 2 Mode 3 Mode 4 Mode 5 Mode 6 Mode 7 Bottom Top AF10 NA etk_clk mcbsp5_clkx mmc3_clk hsusb1_stp gpio_12 mm1_rxdp hsusb1_tll_ - stp AE10 NA etk_ctl - mmc3_cmd hsusb1_clk gpio_13 - hsusb1_tll_ - clk AF11 NA etk_d0 mcspi3_simo mmc3_dat4 hsusb1_ gpio_14 mm1_rxrcv hsusb1_tll_ - data0 data0 AG12 NA etk_d1 mcspi3_somi - hsusb1_ gpio_15 mm1_txse0 hsusb1_tll_ - data1 data1 AH12 NA etk_d2 mcspi3_cs0 - hsusb1_ gpio_16 mm1_txdat hsusb1_tll_ - data2 data2 AE13 NA etk_d3 mcspi3_clk mmc3_dat3 hsusb1_ gpio_17 - hsusb1_tll_ - data7 data7 AE11 NA etk_d4 mcbsp5_dr mmc3_dat0 hsusb1_ gpio_18 - hsusb1_tll_ - data4 data4 AH9 NA etk_d5 mcbsp5_fsx mmc3_dat1 hsusb1_ gpio_19 - hsusb1_tll_ - data5 data5 AF13 NA etk_d6 mcbsp5_dx mmc3_dat2 hsusb1_ gpio_20 - hsusb1_tll_ - data6 data6 AH14 NA etk_d7 mcspi3_cs1 mmc3_dat7 hsusb1_ gpio_21 mm1_txen_n hsusb1_tll_ - data3 data3 AF9 NA etk_d8 sys_drm_ mmc3_dat6 hsusb1_dir gpio_22 - hsusb1_tll_ - msecure dir AG9 NA etk_d9 sys_secure_ mmc3_dat5 hsusb1_nxt gpio_23 mm1_rxdm hsusb1_tll_ - indicator nxt AE7 NA etk_d10 - uart1_rx hsusb2_clk gpio_24 - hsusb2_tll_ - clk AF7 NA etk_d11 - - hsusb2_stp gpio_25 mm2_rxdp hsusb2_tll_ - stp AG7 NA etk_d12 - - hsusb2_dir gpio_26 - hsusb2_tll_ - dir AH7 NA etk_d13 - - hsusb2_nxt gpio_27 mm2_rxdm hsusb2_tll_ - nxt AG8 NA etk_d14 - - hsusb2_ gpio_28 mm2_rxrcv hsusb2_tll_ - data0 data0 AH8 NA etk_d15 - - hsusb2_ gpio_29 mm2_txse0 hsusb2_tll_ - data1 data1 (1) NA in table stands for Not Applicable. Submit Documentation Feedback TERMINAL DESCRIPTION 65 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |