Electronic Components Datasheet Search
  English  ▼

X  

OMAP3530 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530
Description  Applications Processor
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530 Datasheet(HTML) 1 Page - Texas Instruments

  OMAP3530 Datasheet HTML 1Page - Texas Instruments OMAP3530 Datasheet HTML 2Page - Texas Instruments OMAP3530 Datasheet HTML 3Page - Texas Instruments OMAP3530 Datasheet HTML 4Page - Texas Instruments OMAP3530 Datasheet HTML 5Page - Texas Instruments OMAP3530 Datasheet HTML 6Page - Texas Instruments OMAP3530 Datasheet HTML 7Page - Texas Instruments OMAP3530 Datasheet HTML 8Page - Texas Instruments OMAP3530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 230 page
background image
www.ti.com
1
OMAP3530/25 Applications Processor
1.1 Features
OMAP3530/25 Applications Processor
SPRS507 – FEBRUARY 2008
and Program Redirection
• OMAP3530/25 Applications Processor:
• Hardware Support for Modulo Loop
–
OMAP™ 3 Architecture
Operation
–
MPU Subsystem
• C64x+ L1/L2 Memory Architecture
• 600-MHz ARM Cortex™-A8 Core
–
32K-Byte L1P Program RAM/Cache (Direct
• NEON™ SIMD Coprocessor
Mapped)
–
High Performance Image, Video, Audio
–
80K-Byte L1D Data RAM/Cache (2-Way
(IVA2.2™) Accelerator Subsystem
Set-Associative)
• 430-MHz TMS320C64x+™ DSP Core
–
64K-Byte L2 Unified Mapped RAM/Cache
• Enhanced Direct Memory Access
(4-Way Set-Associative)
(EDMA) Controller (128 Independent
–
32K-Byte L2 Shared SRAM and 16K-Byte L2
Channels)
ROM
• Video Hardware Accelerators
• C64x+ Instruction Set Features
–
2D/3D Graphics Accelerator (OMAP3530
–
Byte-Addressable (8-/16-/32-/64-Bit Data)
Device Only)
–
8-Bit Overflow Protection
• Tile Based Architecture Delivering 10
MPoly/sec
–
Bit-Field Extract, Set, Clear
• Universal Scalable Shader Engine:
–
Normalization, Saturation. Bit-Counting
Multi-threaded Engine Incorporating
–
Compact 16-Bit Instructions
Pixel and Vertex Shader Functionality
–
Additional Instructions to Support Complex
• Industry Standard API Support:
Multiplies
OpenGLES 1.1 and 2.0, OpenVG1.0 and
• ARM Cortex™-A8 Core
Direct3D Mobile
–
ARMv7 Architecture
• Fine Grained Task Switching, Load
• Trust Zone®
Balancing, and Power Management
• Thumb®-2
• Programmable High Quality Image
• MMU Enhancements
Anti-Aliasing
–
In-Order, Dual-Issue, Superscalar
–
Fully Software-Compatible With C64x and
Microprocessor Core
ARM9™
–
NEON™ Multimedia Architecture
• Advanced Very-Long-Instruction-Word (VLIW)
–
Over 2x Performance of ARMv6 SIMD
TMS320C64x+™ DSP Core
–
Supports Both Integer and Floating Point
–
Eight Highly Independent Functional Units
SIMD
• Six ALUs (32-/40-Bit), Each Supports
–
Jazelle® RCT Execution Environment
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
Architecture
Arithmetic per Clock Cycle
–
Dynamic Branch Prediction with Branch
• Two Multipliers Support Four 16 x 16-Bit
Target Address Cache, Global History
Multiplies (32-Bit Results) per Clock
Buffer, and 8-Entry Return Stack
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
–
Embedded Trace Macrocell (ETM) Support
Results) per Clock Cycle
for Non-Invasive Debug
–
Load-Store Architecture With Non-Aligned
Support
• ARM Cortex™-A8 Memory Architecture:
–
64 32-Bit General-Purpose Registers
–
16K-Byte Instruction Cache (4-Way
Set-Associative)
–
Instruction Packing Reduces Code Size
–
16K-Byte Data Cache (4-Way
–
All Instructions Conditional
Set-Associative)
–
Additional C64x+™ Enhancements
–
256K-Byte L2 Cache
• Protected Mode Operation
• Endianess: ARM Big Endian, DSP Little Endian
• Exceptions Support for Error Detection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
is a trademark of ~ Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2008, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - OMAP3530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3530 TI-OMAP3530 Datasheet
3Mb / 264P
Applications Processor
OMAP3530 TI-OMAP3530 Datasheet
3Mb / 239P
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
OMAP3530 TI1-OMAP3530 Datasheet
2Mb / 266P
Applications Processors
OMAP3530 TI1-OMAP3530 Datasheet
2Mb / 262P
OMAP3525-HiRel and OMAP3530-HiRel Applications Processor
OMAP3530 TI1-OMAP3530 Datasheet
2Mb / 265P
OMAP3530 and OMAP3525 Applications Processors
More results

Similar Description - OMAP3530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP5912 TI-OMAP5912 Datasheet
2Mb / 254P
Applications Processor
OMAP3515 TI-OMAP3515 Datasheet
2Mb / 227P
Applications Processor
OMAP3515 TI-OMAP3515_08 Datasheet
3Mb / 262P
Applications Processor
OMAP3530 TI-OMAP3530_08 Datasheet
3Mb / 264P
Applications Processor
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
Multimedia Applications Processor
logo
Texas Instruments
DM3730 TI-DM3730_10 Datasheet
2Mb / 268P
Applications Processor
logo
Freescale Semiconductor...
IMX23EC FREESCALE-IMX23EC Datasheet
422Kb / 2P
i.MX23 Applications Processor
logo
Texas Instruments
OMAP5912 TI1-OMAP5912_16 Datasheet
2Mb / 270P
OMAP5912 Applications Processor
DRA722 TI1-DRA722_17 Datasheet
5Mb / 408P
Infotainment Applications Processor
DRA78 TI1-DRA78 Datasheet
3Mb / 282P
Infotainment Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com