Electronic Components Datasheet Search
  English  ▼

X  

CS5460 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5460 Datasheet HTML 1Page - Cirrus Logic CS5460 Datasheet HTML 2Page - Cirrus Logic CS5460 Datasheet HTML 3Page - Cirrus Logic CS5460 Datasheet HTML 4Page - Cirrus Logic CS5460 Datasheet HTML 5Page - Cirrus Logic CS5460 Datasheet HTML 6Page - Cirrus Logic CS5460 Datasheet HTML 7Page - Cirrus Logic CS5460 Datasheet HTML 8Page - Cirrus Logic CS5460 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CS5460
DS279PP5
5
ANALOG CHARACTERISTICS (Continued)
Notes: 6. All outputs unloaded. All inputs CMOS level.
5 V DIGITAL CHARACTERISTICS (T
A = -40 °C to +85 °C; VA+, VD+ = 5 V ±10% VA-, DGND = 0
V) (See Notes 2 and 7)
Parameter
Symbol
Min
Typ
Max
Unit
Dynamic Characteristics
Phase Compensation
(Voltage Channel at 60 Hz)
-2.4
-
+2.5
°
High Rate Filter Output Word Rate
(Both Channels)
OWR
-
DCLK/1024
-
Hz
High Pass Filter Pole Frequency
-3 dB
-
0.5
-
Hz
Reference Output
Output Voltage
REFOUT
2.4
-
2.6
V
Temperature Coefficient
-
25
60
ppm/°C
Load Regulation
(Output Current 1 µA Source or Sink)
∆V
R
-6
10
mV
Output Noise Voltage
(0.1 Hz to 512 kHz)
eN
-
100
-
µVrms
Reference Input
Input Voltage Range
VREFIN
2.4
2.5
2.6
V
Input Capacitance
-
4
-
pF
Input CVF Current
-
25
-
nA
Power Supplies
Power Supply Currents (Normal Mode)
IA+
ID+ (VD+ = 5 V)
ID+ (VD+ = 3 V)
PSCA
PSCD
PSCD
-
-
-
1.3
2.9
1.7
-
-
-
mA
mA
mA
Power Consumption
Normal Mode (VD+ = 5 V)
(Note 6)
Normal Mode (VD+ = 3 V)
Standby
Sleep
PC
-
-
-
-
21
11.6
6.75
10
25
-
-
-
mW
mW
mW
µW
Power Supply Rejection
(50, 60 Hz)
(Gain = 10)
(Gain = 50)
PSRR
PSRR
56
70
--
dB
dB
Power Monitor Thresholds
PM
2.3
2.7
V
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
All Pins Except XIN and SCLK
XIN
SCLK
VIH
0.6 VD+
(VD+) - 0.5
0.8 VD+
-
-
-
-
-
-
V
V
V
Low-Level Input Voltage
All Pins Except XIN and SCLK
XIN
SCLK
VIL
-
-
-
-
-
-
0.8
1.5
0.2 VD+
V
High-Level Output Voltage
Iout = +5 mA
VOH
(VD+) - 1.0
-
-
V
Low-Level Output Voltage
Iout = -5 mA
VOL
--
0.4
V
Input Leakage Current
Iin
-±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-5
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com