Electronic Components Datasheet Search
  English  ▼

X  

CS5460 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5460 Datasheet HTML 1Page - Cirrus Logic CS5460 Datasheet HTML 2Page - Cirrus Logic CS5460 Datasheet HTML 3Page - Cirrus Logic CS5460 Datasheet HTML 4Page - Cirrus Logic CS5460 Datasheet HTML 5Page - Cirrus Logic CS5460 Datasheet HTML 6Page - Cirrus Logic CS5460 Datasheet HTML 7Page - Cirrus Logic CS5460 Datasheet HTML 8Page - Cirrus Logic CS5460 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2000
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS5460
Single Phase Bi-Directional Power/Energy IC
Features
l Energy Data Linearity: 0.1% of Reading over
1000:1 Dynamic Range
l On-Chip Functions: Energy, I
∗ V,
IRMS and VRMS, Energy to Pulse-Rate
Conversion
l Complies with IEC 687/1036, JIS
l Power Consumption <12 mW
l Interface Optimized for Shunt Sensor
l Phase Compensation
l Ground-Referenced Signals with Single
Supply
l System Calibration
l On-chip 2.5 V Reference (60 ppm/°C drift)
l Simple Three-wire Serial Interface
l Watch Dog Timer
l Power Supply Monitor
l Power Supply Configurations
- VA+ = +5 V; VA- = 0V; VD+ = +3 V to +5 V
- VA+ = +2.5 V; VA- = -2.5 V; VD+ = +3 V
Description
The CS5460 is a highly integrated
∆Σ Analog-to-Digital
Converter (ADC) which combines two
∆Σ ADCs, high
speed power calculation functions, and a serial interface
on a single chip. It is designed to accurately measure
and calculate: Energy, Instantaneous Power, IRMS, and
VRMS for single phase 2 or 3-wire power meter applica-
tions. The CS5460 interfaces to a low cost shunt or
transformer to measure current, and resistive divider or
transformer to measure voltage. The CS5460 features a
bi-directional serial interface for communication with a
micro-controller and a fixed-width programmable fre-
quency output that is proportional to energy. The product
is initialized and fully functional upon power-up, and in-
cludes facilities for system-level calibration under control
of the user program.
ORDERING INFORMATION:
CS5460-BS
-40
°C to +85°C
24-pin SSOP
PGA
x10,x50
VA+
VD+
IIN+
IIN-
VIN+
VIN-
VREFIN
VREFOUT
VA-
XIN
XOUT CPUCLK
DGND
CS
SDO
SDI
SCLK
INT
EOUT
Digital
Filter
High Pass
Filter
Voltage
Reference
System
Clock
/K
Clock
Generator
Serial
Interface
Power
Calculation
Engine
(Energy
I * V
I
,V
)
RMS
RMS
E-to-F
Power
Monitor
PFMON
x1
x10
4
Order
∆Σ
Modulator
th
RESET
Digital
Filter
Calibration
SRAM
EDIR
High Pass
Filter
2
Order
∆Σ
Modulator
nd
Watch Dog
Timer
JAN ‘00
DS279PP5


Similar Part No. - CS5460

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
CS5460A CIRRUS-CS5460A Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
CS5460A-BS CIRRUS-CS5460A-BS Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
CS5460A-BS CIRRUS-CS5460A-BS Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
logo
List of Unclassifed Man...
CS5460A-BS ETC2-CS5460A-BS Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - CS5460

ManufacturerPart #DatasheetDescription
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A Datasheet
757Kb / 41P
Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463 Datasheet
875Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463_08 Datasheet
770Kb / 46P
Single Phase, Bi-directional Power/Energy IC
CS5461_0408 CIRRUS-CS5461_0408 Datasheet
665Kb / 45P
Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
Single Phase, Bi-directional Power/Energy IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com