Electronic Components Datasheet Search
  English  ▼

X  

CS5460 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5460 Datasheet HTML 1Page - Cirrus Logic CS5460 Datasheet HTML 2Page - Cirrus Logic CS5460 Datasheet HTML 3Page - Cirrus Logic CS5460 Datasheet HTML 4Page - Cirrus Logic CS5460 Datasheet HTML 5Page - Cirrus Logic CS5460 Datasheet HTML 6Page - Cirrus Logic CS5460 Datasheet HTML 7Page - Cirrus Logic CS5460 Datasheet HTML 8Page - Cirrus Logic CS5460 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
CS5460
4
DS279PP5
1. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = -40 °C to +85 °C; VA+, VD+ = +5 V ±10%; VREFIN = 2.5 V;
VA- = AGND; MCLK = 4.096 MHz, K = 1; N = 4000, OWR = 4.0 kHz.)(See Notes 1, 2, and 3)
Notes: 1. Applies after system calibration
2. Specifications guaranteed by design, characterization, and/or test.
3. Analog signals are relative to VA- and digital signals to DGND unless otherwise noted.
4. The minimum FSCR is limited by the maximum allowed gain register value.
5. Effective Input Impedance (EII) varies with clock frequency (DCLK) and Input Capacitance (IC)
EII = 1/(IC*DCLK/4)
Parameter
Symbol
Min
Typ
Max
Unit
Accuracy (Both Channels)
Total Harmonic Distortion
THD
74
-
-
dB
Common Mode Rejection
(DC, 50, 60 Hz)
CMRR
80
-
-
dB
Offset Drift (Without the High Pass Filter)
-
5
-
nV/°C
Full Scale DC Calibration Range
(Note 4)
FSCR
25
-
100
%F.S.
Input Sampling Rate
DCLK = MCLK/K
-
DCLK/4
-
Hz
Analog Inputs (Current Channel)
Differential Input Voltage Range
{(IIN+) - (IIN-)} (Gain = 10)
(Gain = 50)
IIN
-
-
150
30
-
-
mVrms
mVrms
Common Mode + Signal on IIN+ or IIN-
(Gain = 10 or 50)
-0.25
-
VA+
V
Crosstalk with Voltage Channel at Full Scale
(50, 60 Hz)
-
-
-115
dB
Input Capacitance
(Gain = 10)
(Gain = 50)
IC
-
-
5
25
-
-
pF
pF
Effective Input Impedance
(Note 5)
(Gain = 10)
(Gain = 50)
EII
30
30
-
-
-
-
k
Ω
k
Ω
Noise (Referred to Input)
(Gain = 10)
(Gain = 50)
-
-
-
-
20
4
µVrms
µVrms
Accuracy (Current Channel)
Bipolar Offset Error
(Note 1)
VOS
-
-
±0.001
%F.S.
Full-Scale Error
(Note 1)
FSE
-
-
±0.001
%F.S.
Analog Inputs (Voltage Channel)
Differential Input Voltage Range
{(VIN+) - (VIN-)}
VIN
-
150
-
mVrms
Common Mode + Signal on VIN+ or VIN-
-0.25
-
VA+
V
Crosstalk with Current Channel at Full Scale
(50, 60 Hz)
-
-
-70
dB
Input Capacitance
IC
-
0.2
-
pF
Effective Input Impedance
(Note 5)
EII
5
-
-
M
Ω
Noise (Referred to Input)
-
-
250
µVrms
Accuracy (Voltage Channel)
Bipolar Offset Error
(Note 1)
VOS
-
-
±0.01
%F.S.
Full-Scale Error
(Note 1)
FSE
-
-
±0.01
%F.S.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com