Electronic Components Datasheet Search
  English  ▼

X  

CS5460 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 22Page - Cirrus Logic CS5460 Datasheet HTML 23Page - Cirrus Logic CS5460 Datasheet HTML 24Page - Cirrus Logic CS5460 Datasheet HTML 25Page - Cirrus Logic CS5460 Datasheet HTML 26Page - Cirrus Logic CS5460 Datasheet HTML 27Page - Cirrus Logic CS5460 Datasheet HTML 28Page - Cirrus Logic CS5460 Datasheet HTML 29Page - Cirrus Logic CS5460 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
CS5460
26
DS279PP5
5. FUNCTIONAL DESCRIPTION
5.1 Interrupt and Watchdog Timer
5.1.1 Interrupt
The INT pin is used to indicate that an event has
taken place in the converter that needs attention.
These events inform the system about operation
conditions and internal error conditions. The INT
signal is created by combining the Status register
with the Mask register. Whenever a bit in the Status
register becomes active, and the corresponding bit
in the Mask register is a logic 1, the INT signal be-
comes active. The interrupt condition is cleared
when the bits of the status register are returned to
their inactive state.
5.1.1.1 Clearing the Status Register
Unlike the other registers, the bits in the Status reg-
ister can only be cleared (set to logic 0). When a
word is written to the Status register, any 1s in the
word will cause the corresponding bits in the Status
register to be cleared. The other bits of the status
register remain unchanged. This allows the clear-
ing of particular bits in the register without having
to know the state of the other bits. This mechanism
is designed to facilitate handshaking and to mini-
mize the risk of losing events that haven’t been pro-
cessed yet.
5.1.1.2 Typical use of the INT pin
The steps below show how interrupts can be han-
dled.
Initialization:
Step I0 - All Status bits are cleared by writing
FFFFFF (Hex) into the Status register.
Step I1 - The conditional bits which will be used to
generate interrupts are then written to logic 1 in the
Mask register.
Step I3 - Enable interrupts.
Interrupt Handler Routine:
Step H0 - Read the Status register.
Step H1 - Disable all interrupts.
Step H2 - Branch to the proper interrupt service
routine.
Step H3 - Clear the Status register by writing back
the value read in step H0.
Step H4 - Re-enable interrupts.
Step H5 - Return from interrupt service routine.
This handshaking procedure insures that any new
interrupts activated between steps H0 and H3 are
not lost (cleared) by step H3.
5.1.1.3 INT Active State
The behavior of the INT pin is controlled by the SI1
and SI0 bits of the configuration register. The pin
can be active low (default), active high, active on a
return to logic 0 (rising edge), or activate on a re-
turn to logic 1 (falling edge).
5.1.1.4 Exceptions
The IC (Invalid Command) bit of the Status register
can only be cleared by performing the port initial-
ization sequence. This is also the only Status regis-
ter bit that is active low.
To properly clear the WDT (WatchDog Timer) bit
of the Status register, one must first read the Energy
register, then clear the bit in the status register.
5.1.2 Watch Dog Timer
The Watch Dog Timer (WDT) is provided as
means of alerting the system that there is a potential
breakdown in communication with the micro-con-
troller. By allowing the WDT to cause an interrupt,
a controller can be brought back, from some un-
known code space, into the proper code for pro-
cessing the data created by the converter. The
time-out is preprogrammed to approximately 5 sec-
onds. The countdown restarts each time the Energy
register is read. Under typical situations, the Ener-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com