Electronic Components Datasheet Search
  English  ▼

X  

CS5460 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 2Page - Cirrus Logic CS5460 Datasheet HTML 3Page - Cirrus Logic CS5460 Datasheet HTML 4Page - Cirrus Logic CS5460 Datasheet HTML 5Page - Cirrus Logic CS5460 Datasheet HTML 6Page - Cirrus Logic CS5460 Datasheet HTML 7Page - Cirrus Logic CS5460 Datasheet HTML 8Page - Cirrus Logic CS5460 Datasheet HTML 9Page - Cirrus Logic CS5460 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CS5460
6
DS279PP5
3 V DIGITAL CHARACTERISTICS (T
A = -40 °C to +85 °C; VA+ = 5 V ±10%, VD+ = 3 V ±10%; VA-,
DGND = 0 V) (See Notes 2 and 7)
Notes: 7. All measurements performed under static conditions.
ABSOLUTE MAXIMUM RATINGS (DGND = 0 V; See Note 8)
Notes: 8. All voltages with respect to ground.
9. VA+ and VA- must satisfy {(VA+) - (VA-)} < +6.0 V.
10. VD+ and VA- must satisfy {(VD+) - (VA-)} < +6.0 V.
11. Applies to all pins including continuous over-voltage conditions at the analog input (AIN) pins.
12. Transient current of up to 100 mA will not cause SCR latch-up. Maximum input current for a power
supply pin is ±50 mA.
13. Total power dissipation, including all input currents and output currents.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
All Pins Except XIN and SCLK
XIN
SCLK
VIH
0.6 VD+
(VD+) - 0.5
0.8 VD+
-
-
-
-
-
-
V
V
V
Low-Level Input Voltage
All Pins Except XIN and SCLK
XIN
SCLK
VIL
-
-
-
-
-
-
0.48
0.3
0.2 VD+
V
High-Level Output Voltage
Iout = +5 mA
VOH
(VD+) - 1.0
-
-
V
Low-Level Output Voltage
Iout = -5 mA
VOL
--
0.4
V
Input Leakage Current
Iin
-±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-5
-
pF
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
(Notes 9 and 10)
Positive Digital
Positive Analog
Negative Analog
VD+
VA+
VA-
-0.3
-0.3
+0.3
-
-
-
+6.0
+6.0
-6.0
V
V
V
Input Current, Any Pin Except Supplies
(Note 11 and 12)
IIN
--
±10
mA
Output Current
IOUT
--
±25
mA
Power Dissipation
(Note 13)
PDN
-
-
500
mW
Analog Input Voltage
All Analog Pins
VINA
- 0.3
-
(VA+) + 0.3
V
Digital Input Voltage
All Digital Pins
VIND
-0.3
-
(VD+) + 0.3
V
Ambient Operating Temperature
TA
-40
-
85
°C
Storage Temperature
Tstg
-65
-
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com